Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 59Page - Renesas Technology Corp 7733 Datasheet HTML 60Page - Renesas Technology Corp 7733 Datasheet HTML 61Page - Renesas Technology Corp 7733 Datasheet HTML 62Page - Renesas Technology Corp 7733 Datasheet HTML 63Page - Renesas Technology Corp 7733 Datasheet HTML 64Page - Renesas Technology Corp 7733 Datasheet HTML 65Page - Renesas Technology Corp 7733 Datasheet HTML 66Page - Renesas Technology Corp 7733 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–24
2.5 Processor modes
The M37733MHBXXXFP can operate in the following three processor modes: single-chip mode, memory
expansion mode, and microprocessor mode. In the M37733MHBXXXFP, some pins’ functions, memory
allocation, and accessible area differ according to processor modes. These differences according to processor
modes are described below. Figure 2.5.1 shows the memory map in each processor mode.
2.5 Processor modes
00000016
01FFFF16
00008016
02000016
FFFFFF16
000FFF16
00100016
Notes 1:
represents external memory area.
By accessing this area, an external device connected to the M37733MHBXXXFP
can be accessed.
This is applied when the contents of memory allocation selection bits (bits 2 to 0 at
address 6316) = “0002.”
For the 7733 Group’s microcomputers other than the M37733MHBXXXFP, refer to
section “Appendix 1. Memory allocation of 7733 Group.”
SFR area
Internal
ROM area
(Note 2)
Single-chip mode
Internal
RAM area
SFR area
Memory expansion mode
SFR area
Microprocessor mode
Internal
RAM area
Internal
RAM area
Internal
ROM area
(Note 2)
Fig. 2.5.1 Memory map in each processor mode (M37733MHBXXXFP)
2:
3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com