Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 386Page - Renesas Technology Corp 7733 Datasheet HTML 387Page - Renesas Technology Corp 7733 Datasheet HTML 388Page - Renesas Technology Corp 7733 Datasheet HTML 389Page - Renesas Technology Corp 7733 Datasheet HTML 390Page - Renesas Technology Corp 7733 Datasheet HTML 391Page - Renesas Technology Corp 7733 Datasheet HTML 392Page - Renesas Technology Corp 7733 Datasheet HTML 393Page - Renesas Technology Corp 7733 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7733 Group User’s Manual
15–11
15.6 Ready and Hold
Timing requirements (Vcc = 5 V ± 10 %, Vss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz (Note), unless
otherwise noted)
g The rise/fall time of an input signal must be 100 ns or less, unless otherwise noted.
HOLD
input setup time
RDY
input hold time
HOLD
input hold time
Limits
tsu(RDY–φ1)
tsu(HOLD–φ1)
th(φ1–RDY)
th(φ1–HOLD)
RDY
input setup time
Max.
ns
ns
ns
ns
Min.
Parameter
Symbol
Unit
55
55
0
0
Note: This is applied when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.
Switching characteristics (Vcc = 5 V ± 10 %, Vss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz, unless
otherwise noted)
HLDA
output delay time
td(φ1–HLDA)
ns
Min.
Max.
50
Limits
Unit
Conditions
Parameter
Fig. 15.11.1
Symbol
15.5 Internal peripheral devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com