Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 594 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 594 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 590Page - Renesas Technology Corp 7733 Datasheet HTML 591Page - Renesas Technology Corp 7733 Datasheet HTML 592Page - Renesas Technology Corp 7733 Datasheet HTML 593Page - Renesas Technology Corp 7733 Datasheet HTML 594Page - Renesas Technology Corp 7733 Datasheet HTML 595Page - Renesas Technology Corp 7733 Datasheet HTML 596Page - Renesas Technology Corp 7733 Datasheet HTML 597Page - Renesas Technology Corp 7733 Datasheet HTML 598Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 594 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21–46
Symbol
Functions
Details
IMP
IMM
DIR
DIR,b
DIR,X
DIR,Y
(DIR)
(DIR,X)
(DIR),Y
n
op
op
op n
nn
op
n
op
Addressing modes
Compares the contents of the index register X with the
contents of the memory.
Compares the contents of the index register Y with the
contents of the memory.
Decrements the contents of the accumlator or memory by
1.
Decrements the contents of the index register X by 1.
Decrements the contents of the index register Y by 1.
The numeral that places the contents of accumlator B to the higher
order and the contents of accumulator A to the lower order is divided
by the contents of the memory. The quotient is entered into accumula-
tor A and the remainder into accumulator B.
Logical exclusive sum is obtained of the contents of the
accumulator and the contents of the memory. The result is
placed into the accumulator.
Increments the contents of the accumulator or memory by
1.
Increments the contents of the index register X by 1.
Increments the contents of the index register Y by 1.
Places a new address into the program counter and jumps
to that new address.
X–M
Y–M
ACC
←ACC–1 or
M
←M–1
X
←X–1
Y
←Y–1
A(quotient)
←B,A/M
B(remainder)
ACC
←ACC∨M
ACC
←ACC+1 or
M
←M+1
X
←X+1
Y
←Y+1
ABS
PCL
←ADL
PCH
←ADH
ABL
PCL
←ADL
PCH
←ADH
PG
←ADG
(ABS)
PCL
←(ADH, ADL)
PCH
←(ADH,ADL+1)
L(ABS)
PCL
←(ADH, ADL)
PCH
←(ADH, ADL+1)
PG
←(ADH, ADL+2)
(ABS, X)
PCL
←(ADH, ADL+X)
PCH
←(ADH, ADL+X
+1)
ABS
M(S)
←PCH
S
←S–1
M(S)
←PCL
S
←S–1
PCL
←ADL
PCH
←ADH
ABL
M(S)
←PG
S
←S–1
M(S)
←PCH
S
←S–1
M(S)
←PCL
S
←S–1
PCL
←ADL
PCH
←ADH
PG
←ADG
(ABS, X)
M(S)
←PCH
S
←S–1
M(S)
←PCL
S
←S–1
PCL
←(ADH, ADL+X)
PCH
←(ADH, ADL+X
+1)
CPX
(Note 2)
CPY
(Note 2)
DEC
(Note 1)
DEX
DEY
DIV
(Notes 2,10)
EOR
(Notes 1,2)
INC
(Note 1)
INX
JMP
INY
JSR
Saves the contents of the program counter (also the con-
tents of the program bank register for ABL) into the stack,
and jumps to the new address.
n
op nn
op
op n
op
op n
E0
2
E4 42
C4 4 2
1A 21
42
C6 72
D6
21
2
89
29
89
25
29 3
89
35
30 3
89
32
31 3 89
21
32 3 89
31
33 3
49 2
45 42
55 52
62
72 51 82
42
49
42
45
63
42
55
73
42
52
83 42
41
93
10 3
3A 21
42
3A
42
E6 77
E8
C8 21
2
##
#
#
##
#
###
A
2
C0
2
2
2
7
42
1A
88
CA
1
3
27
41
52
42
51
F6
43
2
1
2
2
Appendix 6. Machine instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com