Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 648 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 648 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 644Page - Renesas Technology Corp 7733 Datasheet HTML 645Page - Renesas Technology Corp 7733 Datasheet HTML 646Page - Renesas Technology Corp 7733 Datasheet HTML 647Page - Renesas Technology Corp 7733 Datasheet HTML 648Page - Renesas Technology Corp 7733 Datasheet HTML 649Page - Renesas Technology Corp 7733 Datasheet HTML 650Page - Renesas Technology Corp 7733 Datasheet HTML 651Page - Renesas Technology Corp 7733 Datasheet HTML 652Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 940 page
background image
In the memory expansion mode, this pin functions as a programmable I/O port. Furthermore, it can be switched to be a clock
These signals are affected by the signal output disable selection bit (bit 6 at address 6C
CENTRAL PROCESSING UNIT (CPU)
7735 Group User’s Manual
2–8
2.5 Processor modes
Table 2.5.1 Relationship between processor modes and functions of P0 to P4
Notes 1: When an internal area is accessed, signals CS0 to CS4 are not output. (The output level is fixed to “H.”)
2:
16
). (Refer to chapter “12. CONNECTING
EXTERNAL DEVICES.” )
3:
Pin P42 can also function as a clock
1
output pin. (Refer to chapter “12. CONNECTING EXTERNAL DEVICES.”)
4:
1
output pin when selected by software. In the microprocessor mode, this pin is affected by the signal output disable selection bit
(bit 6 at address 6C16). (Refer to chapter“12. CONNECTING EXTERNAL DEVICES.”)
D(even): Data at even address
P0
P1
P05
HLDA
P32
P33
A8 to A15
P3
P2
P4
A16, A17
P06 and P07
A8 to A15
A0 to A7
A0 to A7
D
ALE
HLDA
P31
P33
(“H” level output)
RSMP
P
RDY
P41
E
/RDE
E
RDE
(Note 2)
P
P
P
P
P
P00 to P04
CS0
to CS4
(Note 1)
P30
WEL
(Note 2)
P31
WEH
(Note 2)
P30
WEL
(Note 2)
P32
ALE
HOLD
P40
P42
1
(Note 4)
(Note 2)
D(odd): Data at odd address
P43 to P47
Pin name
Single-chip mode
Memory expansion and
Microprocessor modes
Processor mode
s When external data bus is 16 bits wide (BYTE = “L”)
s When external data bus is 8 bits wide (BYTE = “H”)
s When external data bus is 16 bits wide (BYTE = “L”)
s When external data bus is 8 bits wide (BYTE = “H”)
P: Functions as a programmable
I/O port.
P: Functions as a programmable
I/O port.
P: Functions as a programmable
I/O port.
P: Functions as a programmable
I/O port.
P: Functions as a programmable
I/O port (Note 3).
P: Functions as a programmable I/O port.
s When external data bus is 16 bits wide (BYTE = “L”)
s When external data bus is 8 bits wide (BYTE = “H”)
D(odd)
D(even)
D: Data
3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com