Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 754 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 754 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 750Page - Renesas Technology Corp 7733 Datasheet HTML 751Page - Renesas Technology Corp 7733 Datasheet HTML 752Page - Renesas Technology Corp 7733 Datasheet HTML 753Page - Renesas Technology Corp 7733 Datasheet HTML 754Page - Renesas Technology Corp 7733 Datasheet HTML 755Page - Renesas Technology Corp 7733 Datasheet HTML 756Page - Renesas Technology Corp 7733 Datasheet HTML 757Page - Renesas Technology Corp 7733 Datasheet HTML 758Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 754 / 940 page
background image
LOW VOLTAGE VERSION
7735 Group User’s Manual
18-6
18.4 Electrical characteristics
1
With no wait
1
With wait
RDY input
Ready
RDE, WEL, WEH
output
RDE, WEL, WEH
output
RDY input
tsu(RDY– 1)
th( 1–RDY)
tsu(RDY– 1)
th( 1–RDY)
Measuring conditions
• VCC = 2.7 to 5.5 V
• Input timing voltage
:
VIL = 0.2 VCC, VIH = 0.8 VCC
• Output timing voltage
:
VOL = 0.8 V, VOH = 2.0 V
1
HOLD input
HLDA output
th( 1–HOLD)
td( 1–HLDA)
tsu(HOLD– 1)
Hold
td( 1–HLDA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com