Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 860 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 860 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 856Page - Renesas Technology Corp 7733 Datasheet HTML 857Page - Renesas Technology Corp 7733 Datasheet HTML 858Page - Renesas Technology Corp 7733 Datasheet HTML 859Page - Renesas Technology Corp 7733 Datasheet HTML 860Page - Renesas Technology Corp 7733 Datasheet HTML 861Page - Renesas Technology Corp 7733 Datasheet HTML 862Page - Renesas Technology Corp 7733 Datasheet HTML 863Page - Renesas Technology Corp 7733 Datasheet HTML 864Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 860 / 940 page
background image
STOP AND WAIT MODES
7736 Group User’s Manual
11–2
11.2 Clock generating circuit
Concerning chapter “11. STOP AND WAIT MODES” of the 7736 Group, description differs depending on the
external bus mode.
In external bus mode A, refer to the corresponding sections in part 1; in external bus mode B, refer to the
corresponding sections in part 2. Note that, for the structure of the oscillation circuit control register 1, refer
to Figure 11.2.3 in part 3.
• “11.1 Overview”
External bus modes A and B (page 11-2 in part 1)
• “11.2 Clock generating circuit”
External bus mode A (page 11-3 in part 1)
External bus mode B (page 11-2 in part 2)
• “11.3 Stop mode”
External bus mode A (page 11-6 in part 1)
External bus mode B (page 11-3 in part 2)
• “11.4 Wait mode”
External bus mode A (page 11-13 in part 1)
External bus mode B (page 11-6 in part 2)
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Main clock division selection bit
Sub clock external input selection bit
Must be fixed to “0” (Note 2).
Clock prescaler reset bit
0
0
0
0
Undefined
0
1
Oscillation circuit control register 1 (address 6F16)
0: Sub-clock oscillation circuit is operating by
itself. Pin P76 functions as pin XCOUT.
Watchdog timer is used when terminating
stop mode.
1: Sub clock is input from the external.
Pin P76 functions as a programmable
I/O port. Watchdog timer is not used when
terminating stop mode.
RW
RW
RW
RW
WO
—
—
Not implemented.
Not implemented.
b1
b0
b2
b3
b4
b5
b6
b7
Notes 1: When writing to this register, follow the procedure shown in Figure 11.2.4 in part 1.
By writing “1” to this bit, clock prescaler is
initialized.
RW
0
Undefined
Main clock external input selection bit
0: Main clock is divided by 2.
1: Main clock is not divided by 2.
0: Main-clock oscillation circuit is operating by
itself. Watchdog timer is used when terminating
stop mode.
1: Main clock is input from the external.
Watchdog timer is not used when
terminating stop mode.
This bit is ignored.
2: The case where data “010101012” is written with the procedure shown in Figure 11.2.4
in part 1 is not included.
3:
represents that bits 3 to 7 are not used for the stop and wait modes.
(Note 1)
(Note 1)
(Note 1)
!
Fig. 11.2.3 Structure of oscillation circuit control register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com