Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 870 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 870 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 866Page - Renesas Technology Corp 7733 Datasheet HTML 867Page - Renesas Technology Corp 7733 Datasheet HTML 868Page - Renesas Technology Corp 7733 Datasheet HTML 869Page - Renesas Technology Corp 7733 Datasheet HTML 870Page - Renesas Technology Corp 7733 Datasheet HTML 871Page - Renesas Technology Corp 7733 Datasheet HTML 872Page - Renesas Technology Corp 7733 Datasheet HTML 873Page - Renesas Technology Corp 7733 Datasheet HTML 874Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 870 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7736 Group User’s Manual
15–2
Electrical characteristics of the M37736MHBXXXGP are described in this chapter.
Concerning chapter “15. ELECTRICAL CHARACTERISTICS,” the 7736 Group differs from the 7733
Group in the following sections. Therefore, only the differences are described in this chapter:
• “15.1 Absolute maximum ratings”
• “15.2 Recommended operating conditions”
• “15.3 Electrical characteristics”
• “15.7 Single-chip mode”
_
• “15.11 Measuring circuit for ports P0 to P10 and pins
φ1 and E”
The following sections of the 7736 Group differ depending on the external bus mode. In external bus
mode A, refer to the corresponding sections in part 1; in external bus mode B, refer to the corresponding
sections in part 2.
• “15.6 Ready and Hold”
External bus mode A (page 15-11 in part 1)
External bus mode B (page 15-3 in part 2)
• “15.8 Memory expansion mode and Microprocessor mode : with no wait”
External bus mode A (page 15-15 in part 1)
External bus mode B (page 15-5 in part 2)
• “15.9 Memory expansion mode and Microprocessor mode : with wait 1”
External bus mode A (page 15-17 in part 1)
External bus mode B (page 15-7 in part 2)
• “15.10 Memory expansion mode and Microprocessor mode : with wait 0”
External bus mode A (page 15-19 in part 1)
External bus mode B (page 15-9 in part 2)
The following sections of the 7736 Group are the same as those of the 7733 Group. Therefore, for these
sections, refer to part 1:
• “15.4 A-D converter characteristics” (page 15-5 in part 1)
• “15.5 Internal peripheral devices” (page 15-6 in part 1)
15.1 Absolute maximum ratings
Absolute maximum ratings
15.1 Absolute maximum ratings
Parameter
Power source voltage
Analog power source voltage
Input voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
Ta = 25 °C
Unit
V
V
V
V
V
mW
°C
°C
Symbol
Vcc
AVcc
VI
VI
VO
Pd
Topr
Tstg
Ratings
–0.3 to 7
–0.3 to 7
–0.3 to 12
–0.3 to Vcc+0.3
–0.3 to Vcc+0.3
300
–20 to 85
–40 to 150
RESET
, CNVss, BYTE
P00–P07, P10–P17, P20–P27, P30–P33,
P40–P47, P50–P57, P60–P67, P70–P77,
P80–P87, P100–P107, VREF, XIN, BSEL
P00–P07, P10–P17, P20–P27, P30–P33,
P40–P47, P50–P57, P60–P67, P70–P77,
P80–P87, P90–P97, P100–P107, XOUT, E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com