Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 906 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 906 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 902Page - Renesas Technology Corp 7733 Datasheet HTML 903Page - Renesas Technology Corp 7733 Datasheet HTML 904Page - Renesas Technology Corp 7733 Datasheet HTML 905Page - Renesas Technology Corp 7733 Datasheet HTML 906Page - Renesas Technology Corp 7733 Datasheet HTML 907Page - Renesas Technology Corp 7733 Datasheet HTML 908Page - Renesas Technology Corp 7733 Datasheet HTML 909Page - Renesas Technology Corp 7733 Datasheet HTML 910Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 906 / 940 page
background image
LOW VOLTAGE VERSION
7736 Group User’s Manual
18–14
18.5 Standard characteristics
Concerning section “18.5 Standard characteristics,” the 7736 Group differs from the 7733 Group in the
following sections. Therefore, only the differences are described in this section:
• “18.5.1 Programmable I/O port (CMOS output) standard characteristics: P0 to P3, P40 to P43, P5 to
P9, and P104 to P107
• “18.5.2 Programmable I/O port (CMOS output) standard characteristics: P44 to P47 and P100 to P103
The other description is the same as that of the 7736 Group. Therefore, refer to part 1:
•“18.5 Standard characteristics” (page 18-27 in part 1)
Standard characteristics described below are characteristics examples of the M37736MHLXXXHP and are
not guaranteed. For each parameter’s limits, refer to section “18.4 Electrical characteristics.”
18.5.1 Programmable I/O port (CMOS output) standard characteristics:
Ports P0 to P3, P40–P43, P5–P9 and P104–P107
(1) P-channel IOH–VOH characteristics
(2) N-channel IOL–VOL characteristics
VOH [V]
P-channel
Power source voltage Vcc = 3 V
20.0
16.0
12.0
4.0
8.0
0
0.6
1.2
1.8
2.4
3.0
Ta = 25 °C
Ta = 85 °C
N-channel
Power source voltage Vcc = 3 V
20.0
16.0
12.0
8.0
4.0
0
0.6
1.2
1.8
2.4
3.0
VOL [V]
Ta = 25 °C
Ta = 85 °C
18.5 Standard characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com