Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 915 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 915 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 911Page - Renesas Technology Corp 7733 Datasheet HTML 912Page - Renesas Technology Corp 7733 Datasheet HTML 913Page - Renesas Technology Corp 7733 Datasheet HTML 914Page - Renesas Technology Corp 7733 Datasheet HTML 915Page - Renesas Technology Corp 7733 Datasheet HTML 916Page - Renesas Technology Corp 7733 Datasheet HTML 917Page - Renesas Technology Corp 7733 Datasheet HTML 918Page - Renesas Technology Corp 7733 Datasheet HTML 919Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 915 / 940 page
background image
APPENDIX
7736 Group User’s Manual
20-3
Appendix 1. Memory allocation of 7736 Group
1. M37736MHBXXXGP, M37736EHBXXXGP, M37736EHBGS, M37736MHLXXXHP, M37736EHLXXXHP
Fig. 1 Memory allocation of M37736MHBXXXGP, M37736EHBXXXGP, M37736EHBGS, M37736MHLXXXHP,
M37736EHLXXXHP (1)
Appendix 1. Memory allocation of 7736 Group
01FFFF16
00000016
00007F16
00008016
000FFF16
FFFFFF16
00100016
00FFFF16
01000016
00200016
00000016
00007F16
00008016
000FFF16
00FFFF16
01000016
01FFFF16
FFFFFF16
00000016
00007F16
INT1
INT0
DBC
R ESET
00FFD 616
00FFFE16
SFR area
Internal RAM area
3968 bytes
Bank 016
Bank 116
Bank FF16
Internal ROM area
60 Kbytes
Internal ROM area
64 Kbytes
Bank 216
(4 Kbytes)
A-D/UART2 trans./rece.
UART1 reception
UART0 reception
Timer B2
Timer B1
Timer B0
Timer A4
Timer A3
Timer A2
Timer A1
Timer A0
INT2/Key input
Watchdog timer
BRK instruction
Zero divide
Interrupt vector
table
SFR area
Internal RAM area
3968 bytes
Internal ROM area
56 Kbytes
Internal ROM area
64K bytes
Peripheral device
control registers
(SFR)
• Memory allocation selection bits (b2, b1, b0)=(0, 0, 0)
• ROM size: 124 Kbytes
• RAM size: 3.9 Kbytes
• Memory allocation selection bits (b2, b1, b0)=(0, 0, 1)
• ROM size: 120 Kbytes
• RAM size: 3.9 Kbytes
UART0 transmission
: Unused area in the single-chip mode
External memory area in the
memory expansion or
microprocessor mode
Notes 1: Access to internal ROM area is disabled in the microprocessor mode.
(Refer to section “2.5 Processor modes” in part 1.)
2: In external bus mode B, banks 1016 to FF16 cannot be accessed.
Refer to
Appendix 2
in part 1.
02000016
02FFFF16
FF000016
UART1 transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com