Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 926 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 926 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 922Page - Renesas Technology Corp 7733 Datasheet HTML 923Page - Renesas Technology Corp 7733 Datasheet HTML 924Page - Renesas Technology Corp 7733 Datasheet HTML 925Page - Renesas Technology Corp 7733 Datasheet HTML 926Page - Renesas Technology Corp 7733 Datasheet HTML 927Page - Renesas Technology Corp 7733 Datasheet HTML 928Page - Renesas Technology Corp 7733 Datasheet HTML 929Page - Renesas Technology Corp 7733 Datasheet HTML 930Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 926 / 940 page
background image
Appendix 7. Examples of handling unused pins
APPENDIX
7736 Group User’s Manual
20–14
Appendix 7. Examples of handling unused pins
The following are examples of handling unused pins.
These are, however, just examples. In actual use, make the necessary adaptations and properly evaluate
performance according to the user’s application.
1. In single-chip mode
Table 1 Examples of handling unused pins in single-chip mode
Handling example
Connect these pins to pin Vcc or Vss via resistors after the
se
pins are set to the input mode, or leave these pins open after
they are set to the output mode (Note 1).
Leave these pins open after writing data to the port P9 register (Note 3).
Leave this pin open.
Connect this pin to pin Vcc.
Connect these pins to pin Vss.
Connect this pin to pin Vcc or Vss.
Pins
P0–P8, P10
P9
_
____
E
, RDE
EVL0, EVL1
XOUT (Note 2)
AVcc
AVss, VREF, BYTE
BSEL
Notes 1: When leaving these pins open after they are set to the outpu
t mode, note the following:
these pins
function as input ports from reset until they are switched to the output mode by software. Therefore,
voltage levels of these pins are undefined and the power sou
rce current may increase while these
ports function as input ports.
Software reliability can be enhanced when the contents of th
e above ports
’ direction registers are
set periodically. This is because these contents may be chan
ged by noise, a program runaway
which occurs owing to noise, etc.
For unused pins, use the shortest possible wiring (within 20 mm from the microcomputer’s pins).
2: This is applied when an external clock is input to pin XIN.
3: When leaving port P9 pins open after writing data to the port P9 register, note the following: these
pins are in a floating state from reset until the data is written to the port P9 register by software.
Therefore, voltage levels of these pins are undefined and the power source current may increase
while they are in a floating state.
Fig. 9 Examples of handling unused pins in single-chip mode
P0–P8,P10
AVSS
VREF
BYTE
BSEL
VSS
AVCC
E/RDE
XOUT
EVL0
EVL1
Left open
When setting ports to input mode
VCC
P0–P10
AVSS
VREF
BYTE
BSEL
VSS
AVCC
E/RDE
XOUT
EVL0
EVL1
Left open
When setting ports to output mode
Left open
VCC
P9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com