Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 101Page - Renesas Technology Corp 7733 Datasheet HTML 102Page - Renesas Technology Corp 7733 Datasheet HTML 103Page - Renesas Technology Corp 7733 Datasheet HTML 104Page - Renesas Technology Corp 7733 Datasheet HTML 105Page - Renesas Technology Corp 7733 Datasheet HTML 106Page - Renesas Technology Corp 7733 Datasheet HTML 107Page - Renesas Technology Corp 7733 Datasheet HTML 108Page - Renesas Technology Corp 7733 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 940 page
background image
KEY INPUT INTERRUPT FUNCTION
7733 Group User’s Manual
5–2
KI2
KI1
KI0
P64/INT2
P63
P62
P61
P60
Key matrix
M37733MHBXXXFP
KI3
The key input interrupt function is used to generate an interrupt request when one of the input levels of four
or five pins falls. By using this function when terminating the stop or wait mode, the key-on wakeup can be
realized.
For the way to terminate the stop or wait mode, refer to section “17.4 Power saving.”
For the stop and wait modes, refer to chapter “11. STOP AND WAIT MODES.”
5.1 Overview
___
___
A key input interrupt request occurs when one of the input levels of pins KI0 to KI3 falls. Therefore, by
configuring an external key matrix shown in Figure 5.1.1, an interrupt request can be generated only by
___
___
pushing a key. Pins KI0 to KI3 can be pulled high by software and the same function can also be selected
___
___
for port P64. Therefore, when using the key input interrupt function, whether to use four pins (pins KI0 to KI3)
___
___
or five pins (pins KI0 to KI3 and P64) can be selected.
____
The key input interrupt and the INT2 interrupt share the same interrupt vector addresses and interrupt control
register.
5.1 Overview
Fig. 5.1.1 Key matrix example when key input interrupt function is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com