Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 109Page - Renesas Technology Corp 7733 Datasheet HTML 110Page - Renesas Technology Corp 7733 Datasheet HTML 111Page - Renesas Technology Corp 7733 Datasheet HTML 112Page - Renesas Technology Corp 7733 Datasheet HTML 113Page - Renesas Technology Corp 7733 Datasheet HTML 114Page - Renesas Technology Corp 7733 Datasheet HTML 115Page - Renesas Technology Corp 7733 Datasheet HTML 116Page - Renesas Technology Corp 7733 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–2
6.1 Overview
Timer A is used mainly for output to the external. It consists of five counters (Timers A0 to A4), and each
has a 16-bit reload function. Timers A0 to A4 operate independently of each other.
Timer Ai (i = 0 to 4) has four operating modes listed below. Except for the event counter mode, timers A0
to A4 all have the same functions.
s Timer mode
Timer A counts a count source internally generated, and the following functions can be used:
q Gate function
q Pulse output function
s Event counter mode
Timer A counts an external signal, and the following functions can be used:
q Free-run count function (Timers A2, A3, and A4)
q Pulse output function
q Two-phase pulse signal processing function (Timers A2, A3, and A4)
s One-shot pulse mode
Timer A outputs a pulse which has an arbitrary width once.
s Pulse width modulation (PWM) mode
Timer A outputs pulses which have an arbitrary width in succession and functions as one of the following
pulse width modulators:
q 16-bit pulse width modulator
q 8-bit pulse width modulator
6.1 Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com