Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 208Page - Renesas Technology Corp 7733 Datasheet HTML 209Page - Renesas Technology Corp 7733 Datasheet HTML 210Page - Renesas Technology Corp 7733 Datasheet HTML 211Page - Renesas Technology Corp 7733 Datasheet HTML 212Page - Renesas Technology Corp 7733 Datasheet HTML 213Page - Renesas Technology Corp 7733 Datasheet HTML 214Page - Renesas Technology Corp 7733 Datasheet HTML 215Page - Renesas Technology Corp 7733 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–9
2
CTS
enable bit
Bit
1
0
BRG count source selection
bits
Bit name
At reset
Functions
b7
b6
b5
b4
b3
b2
b1
b0
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
UART2 transmit/receive control register 0 (address 68 16)
b1 b0
0: The CTS function is enabled.
1: The CTS function is disabled. (P8 0 and P84
function as programmable I/O ports.)
3
Transmission register empty
flag
Not implemented.
1
0
0
0
7 to 4
RW
RW
RW
RW
RO
0: Data is present in the transmission
register. (Transmission is in progress.)
1: No data is present in the transmission
register. (Transmission is completed.)
Un-
defined
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Fig. 8.2.5 Structure of UARTi transmit/receive control register 0 (2)
(1)
____ ____
CTS
/RTS function selection bit (bit 2) (UART0, UART1)
____ ____
This bit becomes valid when the CTS/RTS enable bit (bit 6) is cleared to “0.”
____
When this bit is cleared to “0” in order to select the CTS function, the P80 and P84 pins function as
____
____
CTS
input pins. At this time, a “L”-level signal input to the CTS pin is one of the transmit conditions.
____
____
When this bit is set to “1” in order to select the RTS function, the P80 and P84 pins function as RTS
output pins. When the receive enable bit (bit 2 at addresses 3516, 3D16) is “0” (in other words,
____
reception is disabled.), the RTS pin outputs “H” level.
____
In the clock synchronous serial I/O mode, the output level of RTS pin becomes “L” when receive
conditions are satisfied; it becomes “H” when reception is started. Note that, when an internal clock
____
is selected (bit 3 at addresses 3016, 3816 = “0”), the RTS function is ignored.
____
In the clock asynchronous serial I/O mode, the output level of the RTS pin becomes “L” when receive
enable bit is set to “1”; it becomes “H” when reception is started; it becomes “L” when the reception
is completed.
____
(2) CTS enable bit (bit 2) (UART2)
____
CTS
input pin is valid when this bit is set to “0.”
____
A “L”-level signal input to the CTS pin is one of the transmit conditions.
(3) Transmission register empty flag (bit 3)
This flag is cleared to “0” when the contents of the UARTi transmission buffer register is transferred
to the UARTi transmission register. When transmission is completed and the UARTi transmission
register becomes empty, this flag is set to “1.”
8.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com