Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 225Page - Renesas Technology Corp 7733 Datasheet HTML 226Page - Renesas Technology Corp 7733 Datasheet HTML 227Page - Renesas Technology Corp 7733 Datasheet HTML 228Page - Renesas Technology Corp 7733 Datasheet HTML 229Page - Renesas Technology Corp 7733 Datasheet HTML 230Page - Renesas Technology Corp 7733 Datasheet HTML 231Page - Renesas Technology Corp 7733 Datasheet HTML 232Page - Renesas Technology Corp 7733 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–26
DB7
D7
DB6
D6
DB5
D5
DB4
D4
DB3
D3
DB2
D2
DB1
D1
DB0
D1
DB7
D7
DB6
D6
DB5
D5
DB4
D4
DB3
D3
DB2
D2
DB1
D1
DB0
D0
DB7
D7
DB6
D6
DB5
D5
DB4
D4
DB3
D3
DB2
D2
DB1
D1
DB0
D0
DB7
D7
DB6
D6
DB5
D5
DB4
D4
DB3
D3
DB2
D2
DB1
D1
DB0
D0
Transfer format
selection bit
Transfer data format
When data is written to UARTi
transmission buffer register
When data is read from UARTi
receive buffer register
0
LSB
(Least Significant Bit)
first
Data bus
UARTi transmission
buffer register
Data bus
UARTi receive
buffer register
1
MSB
(Most Significant Bit)
first
Data bus
UARTi transmission
buffer register
Data bus
UARTi receive
buffer register
8.3.2 Transfer data format
LSB-first or MSB-first can be selected (UART0, UART1). Table 8.3.5 lists the relationship between the
transfer data format and the way to write/read to and from the UARTi transmission/receive buffer register.
By setting the transfer format selection bit (bit 7 at addresses 3416, 3C16), transfer data format can be
selected.
When this bit is cleared to “0,” the set data is written to the UARTi transmission buffer register as the
transmit data. Similarly, the data in the UARTi receive buffer register is read out as the receive data. (Refer
to the upper row in Table 8.3.5.)
When this bit is set to “1,” each bit’s position of the set data is reversed, and then this data is written to
the UARTi transmission buffer register as the transmit data. Similarly, each bit’s position of data in the
UARTi receive buffer register is reversed, and then this data is read out as the receive data. (Refer to the
lower row in Table 8.3.5.)
Note that only the way to write/read to and from the UARTi transmission/receive buffer register is affected
by the transfer data format. The transmit/receive operation is unaffected.
The transfer data format for UART2 is fixed to “LSB-first.”
Table 8.3.5 Relationship between transfer data format and way to write/read to and from UARTi
transmission/receive buffer register
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com