Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 244Page - Renesas Technology Corp 7733 Datasheet HTML 245Page - Renesas Technology Corp 7733 Datasheet HTML 246Page - Renesas Technology Corp 7733 Datasheet HTML 247Page - Renesas Technology Corp 7733 Datasheet HTML 248Page - Renesas Technology Corp 7733 Datasheet HTML 249Page - Renesas Technology Corp 7733 Datasheet HTML 250Page - Renesas Technology Corp 7733 Datasheet HTML 251Page - Renesas Technology Corp 7733 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–45
8.4 Clock asynchronous serial I/O (UART) mode
8.4.1 Transfer rate (Baud rate: transfer clock frequency)
The transfer rate is determined by BRGi (addresses 3116, 3916, and 6516).
When a value of “n” is set in BRGi (n = 0016 to FF16), the count source is divided by (n + 1) in the BRGi,
and then the BRGi’s output is further divided by 16. (In this way, the transfer clock is generated.) Accordingly,
assuming that the baud rate is B (bps), “n” is expressed by the following formula.
n =
–1
F : BRGi’s count source frequency
An internal clock or an external clock can be selected as the BRGi’s count source by specifying the
internal/external clock selection bit (bit 3 at addresses 3016, 3816, and 6416). When an internal clock is
selected, the clock selected by the BRG count source selection bits (bits 1 and 0 at addresses 3416, 3C16,
and 6816) is the BRGi’s count source. When an external clock is selected, the clock which is input to the
CLKi pin is the BRGi’s count source.
Tables 8.4.3 to 8.4.5 list examples of baud rate setting. Be sure to set the same baud rate for both
transmitter and receiver sides.
F
16 ! B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com