Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 251Page - Renesas Technology Corp 7733 Datasheet HTML 252Page - Renesas Technology Corp 7733 Datasheet HTML 253Page - Renesas Technology Corp 7733 Datasheet HTML 254Page - Renesas Technology Corp 7733 Datasheet HTML 255Page - Renesas Technology Corp 7733 Datasheet HTML 256Page - Renesas Technology Corp 7733 Datasheet HTML 257Page - Renesas Technology Corp 7733 Datasheet HTML 258Page - Renesas Technology Corp 7733 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–52
Fig. 8.4.5 How to detect transmit completion
8.4 Clock asynchronous serial I/O (UART) mode
[When not using interrupts]
[When using interrupts]
UARTi transmission interrupt request
occurs when transmission is started.
UARTi transmission interrupt
g This diagram indicates bits and registers
required for processing.
Refer to Figures 8.4.6, 8.4.7 and 8.4.8 for
details about the change of flag status and the
occurrence timing of an interrupt request.
UART0 transmission interrupt control register (address 71 16)
UART1 transmission interrupt control register (address 73 16)
A-D/UART2 trans./rece. interrupt control register (address 70 16)
b7
b0
Interrupt request bit
0: No interrupt has occurred.
1: Interrupt has occurred.
(Transmission has been started.)
Checking the start of transmission
Processing at transmit completion
UART0 transmit/receive control register 0 (address 34 16)
UART1 transmit/receive control register 0 (address 3C 16)
UART2 transmit/receive control register 0 (address 68 16)
b7
b0
Checking the completion of transmission
00
Transmisson register empty flag
0: Transmission is in progress.
1: Transmission is completed.
Note: Nothing is implemented to bits 7 to 4 of UART2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com