Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7521 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7521
Description  Analog Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7521 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7521 Datasheet HTML 3Page - STMicroelectronics TDA7521 Datasheet HTML 4Page - STMicroelectronics TDA7521 Datasheet HTML 5Page - STMicroelectronics TDA7521 Datasheet HTML 6Page - STMicroelectronics TDA7521 Datasheet HTML 7Page - STMicroelectronics TDA7521 Datasheet HTML 8Page - STMicroelectronics TDA7521 Datasheet HTML 9Page - STMicroelectronics TDA7521 Datasheet HTML 10Page - STMicroelectronics TDA7521 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
TDA7521
Table 5. AC Main Performances
3.0 PIN FUNCTION
TDA7521 is housed in a 44 quad flat pack package; the related pin list is reported below.
Table 6. TDA7521 Pin List
DAC
Condition
Min
Typ
Max
Unit
Single end Output
VCC/2 DC
1
Vrms
Frequency response
20
22K
Hz
Dynamic Range
96
dB
THD@Full scale
-80
dB
Pin Number
Name
Pin
Description
01
AC
I
A+C diode current input / voltage input DC coupled (1)
02
BD
I
B+D diode current input / voltage input DC coupled (1)
03
E
I
E diode current input / voltage input DC coupled (1)
04
F
I
F diode current input / voltage input DC coupled (1)
05
REXT
I
External Reference resistor (2)
06
REFOUT
O
Output Reference Voltage (5)
07
REFIN
I
VCC/2 Reference Voltage (4)
08
MUTER
I
Right Audio Channel Mute (6)
09
MUTEL
I
Left Audio Channel Mute (6)
10
PON
I
Power shutdown / Reset (7)
11
OUTR
O
Right Audio Channel Analog output (8)
12
VSS_DAC
Gnd
DAC Analog Ground
13
OUTL
O
Left Audio Channel Analog output (8)
14
VCC_DAC
Vdd
DAC Analog Supply (5V)
15
VDD_DAC
Vdd
DAC Digital Supply (5V)
16
GND_DAC
Gnd
DAC Digital Ground
17
Vss,DAC_Ref
(3)
18
Vcc,DAC_Ref
(3)
19
VDD_PLL
Vdd
PLL 5V Supply
20
FILT
I/O
PLL Loop Filter (9)
21
GND_PLL
Gnd
PLL Ground
22
CKIN
I
Master clock input
23
BSL
I
Digital Bit Stream input, Left Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com