Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7521 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7521
Description  Analog Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7521 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7521 Datasheet HTML 3Page - STMicroelectronics TDA7521 Datasheet HTML 4Page - STMicroelectronics TDA7521 Datasheet HTML 5Page - STMicroelectronics TDA7521 Datasheet HTML 6Page - STMicroelectronics TDA7521 Datasheet HTML 7Page - STMicroelectronics TDA7521 Datasheet HTML 8Page - STMicroelectronics TDA7521 Datasheet HTML 9Page - STMicroelectronics TDA7521 Datasheet HTML 10Page - STMicroelectronics TDA7521 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TDA7521
10/11
Drawing is not to scale.
TQFP44 - 44 lead Quad Flat Package
Symb
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.30
0.37
0.45
0.012
0.014
0.018
C
0.09
0.20
0.004
0.008
D
12.00
0.472
D1
10.00
0.394
D3
8.00
0.315
e
0.80
0.031
E
12.00
0.472
E1
10.00
0.394
E3
8.00
0.315
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
k0
°
3.5
°
7
°
0
°
3.5
°
7
°
A
A2
A1
Seating Plane
C
11
12
22
23
33
34
44
D1
D
e
1
K
TQFP4410
0.10mm
.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com