Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7521 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7521
Description  Analog Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7521 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7521 Datasheet HTML 2Page - STMicroelectronics TDA7521 Datasheet HTML 3Page - STMicroelectronics TDA7521 Datasheet HTML 4Page - STMicroelectronics TDA7521 Datasheet HTML 5Page - STMicroelectronics TDA7521 Datasheet HTML 6Page - STMicroelectronics TDA7521 Datasheet HTML 7Page - STMicroelectronics TDA7521 Datasheet HTML 8Page - STMicroelectronics TDA7521 Datasheet HTML 9Page - STMicroelectronics TDA7521 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TDA7521
6/11
2.0 FEATURE
The main performance of TDA7521 are reported below
Table 2. Main DC Characteristics (I)
Table 3. Main DC Characteristics (II)
The polarity of input signals can be defined by ST7 individually
Table 4. AC Main Performances
Current input
Condition
Min
Typ
Max
Unit
A+C diode input
1
16
µA
B+D diode input
1
16
µA
E diode input
1
16
µA
F diode input
1
16
µA
Voltage input
Conditi on
Min
Typ
Max
Unit
A+C diode input
45
700
mVpp
B+D diode input
45
700
mVpp
E diode input
45
700
mVpp
F diode input
45
700
mVpp
Contents
Conditio n
Min
Typ
Max
Unit
DC offset range of each diode signals
(*) Max input P-P
0
3/2 (*)
mVpp
Frequency Range
DC
4M
MHz
Group delay Flatness
4
nsec
SNR
48
dB
Individual Gain Adjustment on AC, BD, E, F
0
23.5
dB
Gain Step range
0.5
dB
Individual Offset Adjustment on AC, BD, E, F
MD (Monitor Diode) voltage range
100
300
mV
MD Adjustment Step
5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com