Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7521 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7521
Description  Analog Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7521 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7521 Datasheet HTML 3Page - STMicroelectronics TDA7521 Datasheet HTML 4Page - STMicroelectronics TDA7521 Datasheet HTML 5Page - STMicroelectronics TDA7521 Datasheet HTML 6Page - STMicroelectronics TDA7521 Datasheet HTML 7Page - STMicroelectronics TDA7521 Datasheet HTML 8Page - STMicroelectronics TDA7521 Datasheet HTML 9Page - STMicroelectronics TDA7521 Datasheet HTML 10Page - STMicroelectronics TDA7521 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TDA7521
8/11
Notes: 1. Current or Voltage input, DC coupled
2. Precision Resistor connected between Rext and ground
3. These pins are to be left unconnected
4. Internally generated, need external filter ing cap
5. Buffered Vcc/2 Output
6. Driven by IC6D, active high
7. Dirven by IC6D, active low
8. 1 Vrms max., VCC/2 DC component
9. Needs RC-C externals network
10.High in correspondence of the HF sample preceding the AC one
11.LSB+1 of the HF ADC, Underflow bit of the servo one
12.LSB of the HF ADC, Overflow bit of the servo one
13.Can be selected among HF, AC, BD, E, F (via control interface)
14.Bidirectional, needs a pull-up resistor to 5 V line
15.Drives an external pnp.
24
BSR
I
Digital Bit Stream input, Right Channel
25
SYNC
O
ADC Mux Sync output (10)
26
D7
O
ADC output [MSB]
27
D6
O
ADC output
28
D5
O
ADC output
29
D4
O
ADC output
30
D3
O
ADC output
31
D2
O
ADC output
32
D1/UF
O
(11)
33
D0/OF
O
(12)
34
GND_ADC
Gnd
ADC Ground
35
VDD_ADC
Vdd
ADC 5V Supply
36
GND_ADC
Gnd
ADC Ground
37
VCC_ADC
Vdd
ADC 5V Supply
38
SCK
I
ST7 Control I/F Clock input
39
SDA
I/O
ST7 Control I/F Data (14)
40
HFMON
O
HF output (13)
41
LD
O
Laser Control output (15)
42
MD
I
Monitor diode input
43
VSS_PRE
Gnd
Pre_AMP Ground
44
VCC_PRE
Vdd
Pre_AMP 5V Supply
Pin Number
Name
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com