Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7521 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7521
Description  Analog Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7521 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7521 Datasheet HTML 3Page - STMicroelectronics TDA7521 Datasheet HTML 4Page - STMicroelectronics TDA7521 Datasheet HTML 5Page - STMicroelectronics TDA7521 Datasheet HTML 6Page - STMicroelectronics TDA7521 Datasheet HTML 7Page - STMicroelectronics TDA7521 Datasheet HTML 8Page - STMicroelectronics TDA7521 Datasheet HTML 9Page - STMicroelectronics TDA7521 Datasheet HTML 10Page - STMicroelectronics TDA7521 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
TDA7521
4.0 TDA7521 REGISTERS ADDRESS MAP
Inside TDA7521 there are 16 registers that are to programmed by TDA7522; table nr.9 report the list. All
registers are 8 bit wide.
Table 7. TDA7521 registers Map
Note:
1. With these two configuration the data sent to the slave section is written inside every Gain/Offset register. This function can thus
be used to have a quick and global programming of the afore said register.
.
Address
Register
0000
AC Gain reg
0001
BD Gain reg
0010
E Gain reg
0011
F Gain reg
0100
AC Offset Adjustment reg
0101
BD Offset Adjustment reg
0110
E Offset Adjustment reg
0111
F Offset Adjustment reg
1000
Monitor Output reg
1001
Laser Driver reg
1010
PLL reg
1011
Overflow reg (read only)
1100
Test mode register
1101
--unused--
1110
Every Gain reg *
1111
Every Offset reg *



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com