Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9106 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA9106
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA9106 Datasheet HTML 18Page - STMicroelectronics TDA9106 Datasheet HTML 19Page - STMicroelectronics TDA9106 Datasheet HTML 20Page - STMicroelectronics TDA9106 Datasheet HTML 21Page - STMicroelectronics TDA9106 Datasheet HTML 22Page - STMicroelectronics TDA9106 Datasheet HTML 23Page - STMicroelectronics TDA9106 Datasheet HTML 24Page - STMicroelectronics TDA9106 Datasheet HTML 25Page - STMicroelectronics TDA9106 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
20
21
H-DRIVE
VCC
20
21
H-DRIVE
VCC
Figure 16 : Output stage simplified diagram,
showing the two possibilities of
connection
The maximum output current is 20mA, and the
correspondingvoltagedrop of theoutput darlington
is 1.1V typically.
It is evident that the power scanning transistor
cannot be directly driven by the integrated circuit.
LOGIC
BLOCK
HORIZONTAL
OUTPUT
INHIBITION
VERTICAL
OUTPUT
INHIBITION
VERTICAL
BLANKING
OUTPUT
S
R
Q
Horizontal Flyback
0.7V
XRAY Protection
HORIZONTAL
BLANKING
OUTPUT
V
CC Checking
V
CC
V
CC off or I
2
C Reset
XRAY
Ref
Vertical Flyback
Vertical Sync
Vertical Sawtooth Retrace
Vertical Unlock
I2C Ramp on/off
I2C Drive on/off
I2C Blanking
I2C Ramp on/off
I2C SFME
Horizontal Unlock
Horizontal Free Running Detection
Vertical Free Running Status
Figure 17 : Safety Functions Block Diagram
OPERATING DESCRIPTION (continued)
An interface has to be designed between the circuit
and the power transistor which can be of bipolar or
MOS type.
II.5 - X-RAY Protection
The activation of the X-Ray protection is obtained
by application of a high level on the X-Ray input
(Pin 15 > 8V). The consequenciesof X-Ray protec-
tion are :
- inhibition of H-Drive output
- activation of horizontal blanking output.
- activation of vertical blanking output.
The reset of this protection is obtained either by
VCC switch off or I
2C resetby MCU (see Figure 17).
II.6 - Horizontal Dynamic Focus
TDA9106 delivers an horizontal parabola wave
form on Pin 17. This parabola is performed from a
sawtoothin phase with flyback pulse.Thissawtooth
is present on Pin 16 where the horizontal focus
capacitor is the same as C0 to obtain a controlled
amplitude (from 2 to 4.7V typically).
Symmetry (keystone) and amplitude areI
2C adjust-
able (see Figure 18).This signal has to be con-
nected to the CRT focusing grids and mixed with
vertical dynamic focus.
TDA9106
22/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com