Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9106 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA9106
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA9106 Datasheet HTML 20Page - STMicroelectronics TDA9106 Datasheet HTML 21Page - STMicroelectronics TDA9106 Datasheet HTML 22Page - STMicroelectronics TDA9106 Datasheet HTML 23Page - STMicroelectronics TDA9106 Datasheet HTML 24Page - STMicroelectronics TDA9106 Datasheet HTML 25Page - STMicroelectronics TDA9106 Datasheet HTML 26Page - STMicroelectronics TDA9106 Datasheet HTML 27Page - STMicroelectronics TDA9106 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
III - VERTICAL PART
III.1 - Geometric Corrections
OPERATING DESCRIPTION (continued)
The principle is represented in Figure 21.
Starting from the vertical ramp, a parabola shaped
current is generated for E/W correction, dynamic
horizontal phase control correction, and vertical
dynamic Focus correction.
The base of the parabola generator is an analog
multiplier the output current of which is equal to :
∆I= k ⋅ (VOUT -VDCOUT)2
Where Vout is the vertical output ramp, typically
comprised between 2 and 5V, Vdcout is the vertical
DC output adjustable in the range 3.2V
≥ 3.8V in
order to generatea dissymetric parabolaif required
(keystone adjustment).
Corner and Corner Balance corrections may be
added to the E/W one. These are respectively 3rd
and 2nd order waveforms.
In order to keep a good screen geometry for any
end user preferences adjustment we implemented
the “geometry tracking”.
Due to large output stages voltage range (E/W,
FOCUS), the combination of tracking function with
maximum vertical amplitude max or min vertical
position and maximum gain on the DAC control
may lead to the output stages saturation. This must
be avoided by limiting the output voltage by apro-
priate I
2C registers values.
For E/Wpart and Dynamic Horizontal phase control
part, a sawtooth shaped differential current in the
following form is generated :
∆I’ = k’ ⋅ (VOUT -VDCOUT)2
Then
∆I and ∆I’ are added together and converted
into voltage for the E/W part.
Each of the four E/W components or the two Dy-
namic Horizontal phase control ones may be inhib-
ited by their own I
2C select bit.
The E/W parabolais availableon Pin 31 by the way
of an emitter follower which has to be biased by an
external resistor (10k
Ω). It can be DC coupled with
external circuitry.
The output connection of the vertical Dynamic Fo-
cus is the same as the E/W one.
This reverse parabola is available on Pin 32.
Dynamic Horizontal phase control current drives
internally the H-position, moving the Hfly position
on the Horizontal sawtooth in the range
± 2.8% Th
both on SidePin Balance and Parallelogram.
EW Output
EW amp
Keystone
Corner
Corner Balance
Sidepin amp
Parallelogram
Vertical Dynamic
Focus Output
Sidepin Balance
Output Current
To Horizontal
Phase
VDCOUT
VDCIN
2
VDCOUT
VDCOUT
VMID
Vertical Ramp V
OUT
Vertical Ramp V
OSC
31
32
Figure 21 : Geometric Corrections Principle
TDA9106
24/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com