Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9106 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA9106
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA9106 Datasheet HTML 22Page - STMicroelectronics TDA9106 Datasheet HTML 23Page - STMicroelectronics TDA9106 Datasheet HTML 24Page - STMicroelectronics TDA9106 Datasheet HTML 25Page - STMicroelectronics TDA9106 Datasheet HTML 26Page - STMicroelectronics TDA9106 Datasheet HTML 27Page - STMicroelectronics TDA9106 Datasheet HTML 28Page - STMicroelectronics TDA9106 Datasheet HTML 29Page - STMicroelectronics TDA9106 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
7
1
5
3
6
2
4
-12V
C8
100nF
C10
470
µF
R5
5.6k
Ω
C1
220nF
R3
1.5
Ω
1
2
3
J18
R11
220
Ω
1/2W
R4
1
Ω
1/2W
TP7
C18
100
µF
36V
TP8
V YOKE
C41
470pF
IC1
TDA8172
R2
5.6k
Ω
R1
12k
Ω
R16
15k
Ω
R32
4.7k
Ω
D2
1N4148
C9
100nF
C14
470
µF
1N4004
D1
1
J3
J2
+12V
-12V
1
VERTICAL
DEFLECTION
STAGE
100nF
R40
12k
Ω
C4
VREF
J10
TP12
TP11
17
18
19
26
27
28
29
30
36
37
38
40
22
23
24
31
32
33
34
35
25
39
1
2
3
4
5
6
7
8
9
10
16
11
12
13
14
15
41
42
1
2
3
4
5
6
7
89
10
16
11
12
13
14
15
+12V
TA1
TA2
CDA
IA
IA
QA
QA
GND
QB
QB
IB
IB
CDB
TB2
TB1
V
CC
ICC1 - MC14528
CC3
+12V
47pF
+12V
CC1
100nF
CC2
10
µF
CC4
47pF
PC1
47k
Ω
C31
4.7
µF
C13
10nF
R36 1.8k
Ω
20
21
SYNC/G
GNDD
MOIRE
SDA
SCL
PLLINH
PLL2C
+5V
H/HVIN
HREF
HFLY
HLOCKOUT
HGND
HOUT
VSYNCOUT
FC2
FC1
C0
TEST
VSYNCIN
R0
V_FOCUS
PLL1F
HLOCKCAP
EWOUT
VFLY
VOUT
VDCOUT
HPOS
XRAYIN
H_FOCUSC
VCAP
VREF
H_FOCUS
V
CC
VAGCCAP
VGND
GND
V_BLKOUT
H_BLKOUT
HOUTEM
HOUTCOL
C16
220pF
C23
47nF
TP10
C6
100nF
C5
100
µF
+12V
V_FOCUS
TP16
TP17
J12
R28 10k
Ω
VSYNC
J11
HSYNC
TP1
TP17
C32
100nF
C30
100
µF
+5V
L1 10
µH
TP5
C12
150nF
C15
470nF
C3
47
µF
C2
100nF
VREF
C17
220nF
C29
1
µF
C34
820pF
TP9
TP15
R20
R44
10k
Ω
10
Ω
JP1
C7
22nF
C27
47
µF
C33
100nF
HREF
C21
47nF
C28
820pF
5%
R23
6.49k
Ω
1%
C44
10pF
C26
1
µF
R22
1.5k
Ω
R48
1k
Ω
R24
10k
Ω
R45
33k
Ω
R7
10k
Ω
R25
1k
Ω
R45
33k
Ω
V_FOCUS
TP14
XRAYIN
1
1
J9
J7
DYNAMIC
FOCUS
R8
10k
Ω
C22
33pF
R10
10k
Ω
C25
33pF
1
J8
HFLY
R35
10k
Ω
TP2
TP8
R27
3.9k
Ω
R21
3.9k
Ω
+ 12V
HBLK
VBLK
IC2
TDA9106
1
2
3
4
5
6
7
8
9
10
11
12
16
13
14
15
22
23
24
17
18
19
20
21
PWM7
TEST
XTALOUT
V
DD
IC3 - STV9422
XTALIN
B
PWM6
PWM0
PWM1
PWM2
PWM3
PWM5
PWM4
SCL
SDA
RST
GND
R
G
FBLK
VSYNC
HSYNC
PXCK
CKOUT
+5V
C45
10
µF
+5V
L2 10
µH
C43
47
µF
X1
8MHz
C7
33pF
C7
33pF
R39
4.7k
Ω
R29
4.7k
Ω
R42
100
Ω
R41
100
Ω
C39
22pF C40
22pF
+5V
J14
1
J15
+5V
1
J16
R49
22k
Ω
L3 10
µH
+12V
R13
1k
Ω
C20
1
µF
R6
10
Ω
C35
100nF
R14
22k
Ω
Q5
BC547
Q4
BC557
C24
1nF
R12
560
Ω
C19
100
µF
63V
T1
G5676-00
R47
82
Ω 3W
1
2
3
J17
+24V
HDRIVE
TP3
TP4
1
J6
HORIZONTAL
DRIVER
STAGE
1
J1
R38
2.2
Ω 1W
Q3
TIP122
C11
220pF
R19
270k
Ω
R17
270k
Ω
R18
39k
Ω
Q2
Q1
R15
1k
Ω
R9
470
Ω
R33
4.7k
Ω
R37
27k
Ω
BC557
+12V
R31
27k
Ω
C36
1
µF
R34
1k
Ω
E/W POWER STAGE
R30
10k
Ω
1
J13
R43
10k
Ω
C42
1
µF
TILT
E/W
+12V
PC2
47k
Ω
Q6
STD
5N20
Figure 23 : Demonstration Board
APPLICATION DIAGRAMS
TDA9106
27/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com