Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9106A Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA9106A
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA9106A Datasheet HTML 7Page - STMicroelectronics TDA9106A Datasheet HTML 8Page - STMicroelectronics TDA9106A Datasheet HTML 9Page - STMicroelectronics TDA9106A Datasheet HTML 10Page - STMicroelectronics TDA9106A Datasheet HTML 11Page - STMicroelectronics TDA9106A Datasheet HTML 12Page - STMicroelectronics TDA9106A Datasheet HTML 13Page - STMicroelectronics TDA9106A Datasheet HTML 14Page - STMicroelectronics TDA9106A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
VERTICAL SECTION (continued)
Electrical Characteristics (VCC = 12V, Tamb =25
oC) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VERTICAL DYNAMIC FOCUS FUNCTION
VDFDC
DC Output Voltage with V-Pos Typ
See Figure 3
6
V
TDVDFDC
DC Output Voltage Thermal Drift
See Note 12
100
ppm/C
VDFAMP
Parabola Amplitude Function of Vamp (tracking
between Vamp and VDF)
with V-Pos Typ
(see Figure 3) (see Note 13)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
0.9
1.6
2.5
V
V
V
VDFKEY
Parabola Assymetry Function of VPos Control
(tracking between V-Pos and VDF) with Vamp
Max. (see Note 13)
Subaddress 06
Byte x0000000
Byte x1111111
0.5
0.5
Notes : 12. Parameter not tested on each unit but measured during our internal qualification procedure including batches coming from corners
of our process and also temperature characterization.
13. S and C corrections are inhibited so the output sawtooth has a linear shape.
DHPC
DC
A
B
SPB
PARA
Figure 2 :
Dynamic Horizontal Phase Control
Output
VDF
DC
A
B
VDF
AMP
Figure 3 : Vertical Dynamic Focus Function
EW
DC
A
B
EW
PARA
Figure 1 : E/W Output
Keyadj
Figure 4 :
Keystone Effect on E/W Output
(PCC Inhibited)
TDA9106A
11/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com