Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9106A Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA9106A
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA9106A Datasheet HTML 2Page - STMicroelectronics TDA9106A Datasheet HTML 3Page - STMicroelectronics TDA9106A Datasheet HTML 4Page - STMicroelectronics TDA9106A Datasheet HTML 5Page - STMicroelectronics TDA9106A Datasheet HTML 6Page - STMicroelectronics TDA9106A Datasheet HTML 7Page - STMicroelectronics TDA9106A Datasheet HTML 8Page - STMicroelectronics TDA9106A Datasheet HTML 9Page - STMicroelectronics TDA9106A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
I
2C READ/WRITE
Electrical Characteristics (VDD =5V,Tamb =25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I
2C PROCESSOR
Fscl
Maximum Clock Frequency
Pin 40
400
kHz
Tlow
Low period of the SCL Clock
Pin 40
1.3
µs
Thigh
High period of the SCL Clock
Pin 40
0.6
µs
Vinth
SDA and SCL Input Threshold
Pins 40,41
2.2
V
VACK
Acknowledge Output Voltage on SDA input with 3mA
Pin 41
0.4
V
See also I
2C Table Control and I2C Sub Address Control
HORIZONTAL SECTION
Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCO
R0(Min.)
Minimum Oscillator Resistor
Pin 11
6
k
Ω
C0(Min.)
Minimum Oscillator Capacitor
Pin 10
390
pF
F(Max.)
Maximum Oscillator Frequency
150
kHz
OUTPUT SECTION
I6m
Maximum Input Peak Current
Pin 6
2
mA
HOI1
HOI2
Horizontal Drive Output Maximum Current
Pin 20
Pin 21
Sourced current
Sunk current
20
20
mA
mA
Electrical Characteristics (VCC = 12V, Tamb =25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY AND REFERENCE VOLTAGES
VCC
Supply Voltage
Pin 18
10.8
12
13.2
V
VDD
Supply Voltage
Pin 39
4.5
5
5.5
V
ICC
Supply Current
Pin 18
50
mA
IDD
Supply Current
Pin 39
5
mA
VREF-H
Horizontal Reference Voltage
Pin 5, I = 5mA
7.4
8
8.6
V
VREF-V
Vertical Reference Voltage
Pin 5, I = 5mA
7.4
8
8.6
V
IREF-H
Max. Sourced Current on VREF-H
Pin 5
5
mA
IREF-V
Max. Sourced Current on VREF-V
Pin 26
5
mA
TDA9106A
6/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com