Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9106A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9106A
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9106A Datasheet HTML 1Page - STMicroelectronics TDA9106A Datasheet HTML 2Page - STMicroelectronics TDA9106A Datasheet HTML 3Page - STMicroelectronics TDA9106A Datasheet HTML 4Page - STMicroelectronics TDA9106A Datasheet HTML 5Page - STMicroelectronics TDA9106A Datasheet HTML 6Page - STMicroelectronics TDA9106A Datasheet HTML 7Page - STMicroelectronics TDA9106A Datasheet HTML 8Page - STMicroelectronics TDA9106A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TDA9106A
LOW COST DEFLECTION PROCESSOR
FOR MULTISYNC MONITORS
November 1997
PRELIMINARY DATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
GND
SDA
SCL
5V
H/HVIN
HLOCKOUT
VSYNCOUT
TEST
HOUT
VSYNCIN
VFOCUS
EWOUT
VFLY
VOUT
VDCOUT
VCAP
V
REF
VAGCCAP
VGND
VBLKOUT
HBLKOUT
S/G
PLL1INHIB
PLL2C
HREF
HFLY
HGND
FC2
FC1
C0
R0
PLL1F
HLOCKCAP
HPOS
XRAY
HFOCUSCAP
HFOCUS
V
CC
GND
HOUTEM
HOUTCOL
MOIRE
PIN CONNECTIONS
SHRINK42
(Plastic Package)
ORDER CODE : TDA9106A
HORIZONTAL
.
SELF-ADAPTATIVE
.
DUAL PLL CONCEPT
.
150kHz MAXIMUM FREQUENCY
.
X-RAY PROTECTION INPUT
.
I
2C CONTROLS : HORIZONTAL POSITION,
FREQUENCY GENERATOR FOR BURN-IN
MODE
VERTICAL
.
VERTICAL RAMP GENERATOR
.
50 TO 165Hz AGC LOOP
.
GEOMETRY TRACKING WITH V-POS & AMP
.
I
2C CONTROLS :
V-AMP, V-POS, S-CORR, C-CORR
I
2C GEOMETRY CORRECTIONS
.
VERTICAL PARABOLA GENERATOR
(Pincushion, Keystone, Corner Correction,
Top/bottom Corner Correction Balance)
.
HORIZONTAL DYNAMIC PHASE
(Side Pin Balance & Parallelogram)
.
HORIZONTAL AND VERTICAL DYNAMIC FO-
CUS (Horizontal Focus Amplitude, Horizontal
Focus Symmetry)
GENERAL
.
SYNC PROCESSOR
.
HOR. & VERT. SYNC OUTPUT FOR MCU
.
HOR. & VERT. BLANKING OUTPUTS
.
12V SUPPLY VOLTAGE
.
8V REFERENCE VOLTAGE
.
HOR. & VERT. LOCK UNLOCK OUTPUTS
.
READ/WRITE I
2C INTERFACE
.
HORIZONTAL MOIRE OR DAC OUTPUT
This is advance information on a new product now in development or undergoing evaluatio n. Details are subject to change without notice.
DESCRIPTION
The TDA9106A is a monolithic integrated circuit
assembled in 42 pins shrunk dual in line plastic
package.This IC controls all the functionsrelated to
the horizontal and vertical deflection in multimodes
or multi-frequency computer display monitors.
The internal sync processor, combined with the very
powerful geometry correction block are making the
TDA9106Asuitablefor very high performancemoni-
tors with very few external components.
It is particularly well suited for high-end 15” and 17”
monitors.
Combined with ST7275 Microcont roller family,
TDA9206 (Video prea mplifier) and STV942x
(On-Screen Display controller) the TDA9106A
allows to built fully I
2C bus controlled computer
display monitors, th us reducing the number of
exte rnal compo nents to a minimum value .
1/30


Similar Part No. - TDA9106A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
More results

Similar Description - TDA9106A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1996
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com