Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9106A Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA9106A
Description  LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9106A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA9106A Datasheet HTML 14Page - STMicroelectronics TDA9106A Datasheet HTML 15Page - STMicroelectronics TDA9106A Datasheet HTML 16Page - STMicroelectronics TDA9106A Datasheet HTML 17Page - STMicroelectronics TDA9106A Datasheet HTML 18Page - STMicroelectronics TDA9106A Datasheet HTML 19Page - STMicroelectronics TDA9106A Datasheet HTML 20Page - STMicroelectronics TDA9106A Datasheet HTML 21Page - STMicroelectronics TDA9106A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
I.6 - Sync Identification Status
TDA9106Ais able to feed back to the MCU (thanks
to I
2C) the Sync input status (sync identification) so
that the MCU can chooseSync priority throughI
2C.
As extracted Vertical sync pulse is performed when
choice already occured and when 12V is supplied,
we recommend to use the deviceas following :(that
means that even in Power management mode the
IC is able to inform MCU on detected synchro
signals due to its 5V supply).
First, refresh Synchrodetection by I
2C. Then check
the status of H/V det and Vdet by I
2C read.
Sync priority choice should be :
Table 1 : Sync Priority Choice
H/V det
V det
Sync priority
Subaddress 03
Comment
D8
D7
Synchro type
Yes
Yes
1
1
Separated H & V
Yes
No
0
1
Composite TTL
H&V
No
No
0
0
Sync on Green
Of course, when choice is done, one can refresh
the synchro detections and verify that extracted
Vsync is present and that no synchro type change
occured.
Synchro processor is also giving synchro polarity
information.
I.7 - IC status
The IC can inform the MCUeither the 1st Horizontal
PLLor Vertical section are locked or not, and if Xray
has been activated.
This last status permits to the MCU :
- reset the Xray internal latch decreasing the VCC
supply
- directly reset throw the I
2C interface.
OPERATING DESCRIPTION (continued)
I.8 - Synchro Inputs
Both H/HVin and Vsyncin inputs are TTL compat-
ible trigger with Hysterisis to avoid erratic detection.
It includes pull up resistor to VDD.
Vertical sync extractor is included for composite
sync or composite video.Applicationengineer must
adapt resistor R and capacitor C dedicated to its
application.
1
S/G
RC
1k
Ω
I
REF (Typ.)
=10
µA
1.6V
TDA9106
Figure 5
Resistor R is fixed by detection threshold wanted :
R< (VTHRESHOLD /IREF)
Then C is determined by maximum pulse width to
detect (in general, vertical sync width) :
RC > (max pulse width)
I.9 - Synchro Processor Outputs
Synchro processor delivers on 3 TTL-compatible
CMOS outputs the following signals :
- Hout as follow :
Sync Mode
Hout Mode
Hout Polarity
Separated
Horizontal
Same as Input
TTL Composite
TTL Composite
Same as Input
S/G
Composite
Negative
- Vsyncout is either vertical extracted pulse output
or Vsyncin input. It keeps the input polarity.
- Hlockoutis the Horizontal1st PLLstatus: 0V when
locked. It permits MCU to adjust free running
frequency and optimizes the IC performance.
TDA9106A
18/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com