Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61311SP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M61311SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61311SP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M61311SP Datasheet HTML 1Page - Renesas Technology Corp M61311SP Datasheet HTML 2Page - Renesas Technology Corp M61311SP Datasheet HTML 3Page - Renesas Technology Corp M61311SP Datasheet HTML 4Page - Renesas Technology Corp M61311SP Datasheet HTML 5Page - Renesas Technology Corp M61311SP Datasheet HTML 6Page - Renesas Technology Corp M61311SP Datasheet HTML 7Page - Renesas Technology Corp M61311SP Datasheet HTML 8Page - Renesas Technology Corp M61311SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 5 of 26
BUS Control Table
(1) Slave address:
D7
D6
D5
D4
D3
D2
D1
R/W
1
0
0
0
1
0
0
0
= 88H
(2) Slave receiver format:
Normal mode
8 bit
8 bit
8 bit
S
Slave address
A
Sub address
A
Data byte
A
P
Auto increment mode
8 bit
8 bit
8 bit
S
Slave address
A
Sub address (0XH) + 10H
A
Data byte (Sub address = 0XH)
A
8 bit
8 bit
Data
(Sub address = 0 (X + 1) H)
A
Data
(Sub address = 0 (X + 2) H)
A
Note:
S: Start condition, A: Acknowledge, P: Stop condition
(3) Sub address byte and data byte format:
Data Byte (Top: Byte Format, Under: Start Condition)
Function
Bit
Sub
Add.
D7
D6
D5
D4
D3
D2
D1
D0
A07
A06
A05
A04
A03
A02
A01
A00
Main contrast
8
00H
0
0
0
0
0
0
0
1*
A17
A16
A15
A14
A13
A12
A11
A10
Sub contrast R
8
01H
0
0
0
0
0
0
0
1*
A27
A26
A25
A24
A23
A22
A21
A20
Sub contrast G
8
02H
0
0
0
0
0
0
0
1*
A37
A36
A35
A34
A33
A32
A31
A30
Sub contrast B
8
03H
0
0
0
0
0
0
0
1*
A46
A45
A44
A43
A42
A41
A40
OSD level
7
04H
0
0
0
0
0
0
1*
A53
A52
A51
A50
RE-BLK adjust
4
05H
0
0
0
1*
A63
A62
A61
A60
Sharpness control
4
0
0
0
1*
A64
Sync Sepa SW
1
0
*
A65
Video Det SW
1
0
*
A67
A66
Test mode
2
06H
0
0
*
A77
A76
A75
A74
A73
A72
A71
A70
D/A OUT1
8
07H
0
0
0
0
0
0
0
1*
A87
A86
A85
A84
A83
A82
A81
A80
D/A OUT2
8
08H
0
0
0
0
0
0
0
1
A97
A96
A95
A94
A93
A92
A91
A90
D/A OUT3
8
09H
0
0
0
0
0
0
0
1
AA7
AA6
AA5
AA4
AA3
AA2
AA1
AA0
D/A OUT4
8
0AH
0
0
0
0
0
0
0
1
Note:
pre-data
Sub add. 06H
Sync Sepa SW A64
0: Sync Sepa ON
1: Sync Sepa OFF
Video Det SW A65
0: Video Det ON
1: Video Det OFF
Always set up as A66 and A67 in 0
For I
2C Data, please transfer in the period of vertical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com