Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61311SP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M61311SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61311SP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M61311SP Datasheet HTML 13Page - Renesas Technology Corp M61311SP Datasheet HTML 14Page - Renesas Technology Corp M61311SP Datasheet HTML 15Page - Renesas Technology Corp M61311SP Datasheet HTML 16Page - Renesas Technology Corp M61311SP Datasheet HTML 17Page - Renesas Technology Corp M61311SP Datasheet HTML 18Page - Renesas Technology Corp M61311SP Datasheet HTML 19Page - Renesas Technology Corp M61311SP Datasheet HTML 20Page - Renesas Technology Corp M61311SP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 17 of 26
Input Signal
SG No.
Signals
SG1
Video signal
(all white)
Pulse with amplitude of 0.7 VP-P (f = 30 kHz). Video width of 25 µs. (75%) (Amplitude is variable.)
33
µs
0.7 VP-P
0.7 VP-P
0.3 VP-P
5 VTTL
5 VTTL
5 VTTL
Amplitude is variable.
Amplitude is variable.
All white or all black
variable.
Sync's amplitude
is variable.
8
µs
3
µs
0.5
µs
10
µs
5
µs
SG4
Video signal
(all white,
all black)
SG5
Clamp
pulse
SG6
OSD pulse
SG7
BLK pulse
Video width of 25
µs. (75%)
Pulse width and amplitude are variable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com