Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61311SP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M61311SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61311SP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M61311SP Datasheet HTML 19Page - Renesas Technology Corp M61311SP Datasheet HTML 20Page - Renesas Technology Corp M61311SP Datasheet HTML 21Page - Renesas Technology Corp M61311SP Datasheet HTML 22Page - Renesas Technology Corp M61311SP Datasheet HTML 23Page - Renesas Technology Corp M61311SP Datasheet HTML 24Page - Renesas Technology Corp M61311SP Datasheet HTML 25Page - Renesas Technology Corp M61311SP Datasheet HTML 26Page - Renesas Technology Corp M61311SP Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 24 of 26
Notice of Application
Make the nearest distance between output and pull down resister.
Recommend this resister is 1 to 3 k
Ω.
Power dissipation in 3 k
Ω is smaller than 1 kΩ.
Recommend pedestal voltage of IC output signal is 2 V.
As for the low level of the pulse input of OSD BLK, OSD, Clamp Pulse, Retrace BLK etc., avoid cons the GND level
or under.
Pin 31 connect to the voltage that stabilized, and pay attention as surge etc. does not flow into.
VCC (12 V, 5 V) connects to the power supply that stabilized, and bypass-capacitor connects near the term.
When capacitor is connected to pin 29, it sometimes oscillates. Do not connect capacitor to pin 29.
Connect to bypass-capacitance of the DC line near the terminal.
Connect to the NC pin to GND.
The time (t) is from fall of 9 bit of SCL to rise of acknowledge.
About the forwarding of I
2C BUS, the time (t) changes with the resistance that connected outside.
The next SCL does not overlap into this time (t).
20
5 V
R
400 pF
SCL
t
SCL
Acknowledge
16
0
2
8
6
4
10
12
14
Resistance Value (k
Ω)
Acknowledge Delay Time Characteristics (Reference data)
1.0
3.0
5.0
7.0
10
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com