Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61311SP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M61311SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61311SP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M61311SP Datasheet HTML 12Page - Renesas Technology Corp M61311SP Datasheet HTML 13Page - Renesas Technology Corp M61311SP Datasheet HTML 14Page - Renesas Technology Corp M61311SP Datasheet HTML 15Page - Renesas Technology Corp M61311SP Datasheet HTML 16Page - Renesas Technology Corp M61311SP Datasheet HTML 17Page - Renesas Technology Corp M61311SP Datasheet HTML 18Page - Renesas Technology Corp M61311SP Datasheet HTML 19Page - Renesas Technology Corp M61311SP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 16 of 26
VDL D/A Output Minimum Voltage
Measure the DC voltage at D/A OUT. The measured value is called VDL.
IA+1 D/A OUT Input Current1
Measure the input current that flows into D/A OUT through 1 k
Ω by 2 V
DC.
IA+2 D/A OUT Input Current2
Measure the input current that flows into D/A OUT through 1 k
Ω by 0.5 V
DC.
IA
− D/A OUT Output Current
Measure the output current that flows out of D/A OUT through 1 k
Ω by 4.2 V
DC.
A
1 k
Ω
D/A OUT
DNL D/A Nonlinearity
The difference of differential non-linearity of D/A OUT must be less than
±1.0 LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com