Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61311SP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M61311SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61311SP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M61311SP Datasheet HTML 5Page - Renesas Technology Corp M61311SP Datasheet HTML 6Page - Renesas Technology Corp M61311SP Datasheet HTML 7Page - Renesas Technology Corp M61311SP Datasheet HTML 8Page - Renesas Technology Corp M61311SP Datasheet HTML 9Page - Renesas Technology Corp M61311SP Datasheet HTML 10Page - Renesas Technology Corp M61311SP Datasheet HTML 11Page - Renesas Technology Corp M61311SP Datasheet HTML 12Page - Renesas Technology Corp M61311SP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 9 of 26
Electrical Characteristics Test Method
ICC1 5 V Circuit Current1 Power Save Mode
Measuring conditions are as listed in supplementary Table. Measured with a current meter at test point IB.
ICC2 12 V Circuit Current2 Normal Mode
Measuring conditions are as listed in supplementary Table. Measured with a current meter at test point IA.
ICC3 5 V Circuit Current3 Normal Mode
Measuring conditions are as listed in supplementary Table. Measured with a current meter at test point IB.
Vomax Output Dynamic Range
It makes the amplitude of SG1 1.4 P-P. Measure the DC voltage of the white level of the waveform output.
The measured value is called Vomax.
Waveform output
0.5
0.0
Vomax
(VDC)
Vimax Maximum Input
Increase the input signal (SG1) amplitude gradually, starting from 0.7 VP-P. Measure the amplitude of the input signal
when the output signal starts becoming distorted.
GV Maximum Gain
Input SG1, and measure the amplitude output at OUT (26, 28, 30). The amplitude is called VOUT (26, 28, 30).
Maximum gain GV is calculated by the equation below:
GV = 20log (VOUT / 0.7) (dB)
∆GV Relative Maximum Gain
Relative maximum gain
∆GV is calculated by the equation below:
∆GV = VOUT (26) / VOUT (28),
VOUT (28) / VOUT (30),
VOUT (30) / VOUT (26)
VC1 Main Contrast Control Characteristics1 (Max.)
Input SG1, and measure the amplitude output at OUT (26, 28, 30). The amplitude is called VOUT (26, 28, 30).
The measured value is called VC1.
∆VC1 Main Contrast Control Relative Characteristics1
Relative characteristics
∆VC1 is calculated by the equation below:
∆VC1 = VOUT (26) / VOUT (28),
VOUT (28) / VOUT (30),
VOUT (30) / VOUT (26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com