Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752BREZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5752BREZ
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752BREZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5752BREZ Datasheet HTML 4Page - Analog Devices AD5752BREZ Datasheet HTML 5Page - Analog Devices AD5752BREZ Datasheet HTML 6Page - Analog Devices AD5752BREZ Datasheet HTML 7Page - Analog Devices AD5752BREZ Datasheet HTML 8Page - Analog Devices AD5752BREZ Datasheet HTML 9Page - Analog Devices AD5752BREZ Datasheet HTML 10Page - Analog Devices AD5752BREZ Datasheet HTML 11Page - Analog Devices AD5752BREZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Transient currents of up to 100 mA do not cause SCR latch-up.
Table 4.
Parameter
Rating
AV
DD to GND
−0.3 V to +17 V
AV
SS to GND
+0.3 V to −17 V
DV
CC to GND
−0.3 V to +7 V
Digital Inputs to GND
−0.3 V to DV
CC + 0.3 V or 7 V
(whichever is less)
Digital Outputs to GND
−0.3 V to DV
CC + 0.3 V or 7 V
(whichever is less)
REFIN to GND
−0.3 V to +5 V
V
OUTA or VOUTB to GND
AV
SS to AVDD
DAC_GND to GND
−0.3 V to +0.3 V
SIG_GND to GND
−0.3 V to +0.3 V
Operating Temperature Range, T
A
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature, T
J max
105°C
24-Lead TSSOP Package
θ
JA Thermal Impedance
42°C/W
θ
JC Thermal Impedance
9°C/W
Power Dissipation
(T
J max − TA)/ θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD (Human Body Model)
3.5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com