Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752BREZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD5752BREZ
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752BREZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5752BREZ Datasheet HTML 24Page - Analog Devices AD5752BREZ Datasheet HTML 25Page - Analog Devices AD5752BREZ Datasheet HTML 26Page - Analog Devices AD5752BREZ Datasheet HTML 27Page - Analog Devices AD5752BREZ Datasheet HTML 28Page - Analog Devices AD5752BREZ Datasheet HTML 29Page - Analog Devices AD5752BREZ Datasheet HTML 30Page - Analog Devices AD5752BREZ Datasheet HTML 31Page - Analog Devices AD5752BREZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 30 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-ADT
24
13
12
1
6.40 BSC
0.15
0.05
0.10 COPLANARITY
TOP VIEW
EXPOSED
PAD
(Pins Up)
BOTTOM VIEW
4.50
4.40
4.30
7.90
7.80
7.70
1.20 MAX
1.05
1.00
0.80
0.65
BSC
0.30
0.19
SEATING
PLANE
0.20
0.09
8°
0°
0.75
0.60
0.45
5.02
5.00
4.95
3.25
3.20
3.15
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 45. 24-Lead Thin Shrink Small Outline Package, Exposed Pad [TSSOP_EP]
(RE-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Resolution (Bits)
Temperature Range
INL
TUE (% FSR)
Package Description
Package Option
AD5722AREZ1
12
−40°C to +85°C
±1 LSB
±0.3
24-Lead TSSOP_EP
RE-24
AD5722AREZ-REEL71
12
−40°C to +85°C
±1 LSB
±0.3
24-Lead TSSOP_EP
RE-24
AD5732AREZ1
14
−40°C to +85°C
±4 LSB
±0.3
24-Lead TSSOP_EP
RE-24
AD5732AREZ-REEL71
14
−40°C to +85°C
±4 LSB
±0.3
24-Lead TSSOP_EP
RE-24
AD5752BREZ1
16
−40°C to 85°C
±16 LSB
±0.1
24-Lead TSSOP_EP
RE-24
AD5752BREZ-REEL71
16
−40°C to 85°C
±16 LSB
±0.1
24-Lead TSSOP_EP
RE-24
AD5752AREZ1
16
−40°C to +85°C
±16 LSB
±0.3
24-Lead TSSOP_EP
RE-24
AD5752AREZ-REEL71
16
−40°C to +85°C
±16 LSB
±0.3
24-Lead TSSOP_EP
RE-24
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com