Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752BREZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD5752BREZ
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752BREZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5752BREZ Datasheet HTML 5Page - Analog Devices AD5752BREZ Datasheet HTML 6Page - Analog Devices AD5752BREZ Datasheet HTML 7Page - Analog Devices AD5752BREZ Datasheet HTML 8Page - Analog Devices AD5752BREZ Datasheet HTML 9Page - Analog Devices AD5752BREZ Datasheet HTML 10Page - Analog Devices AD5752BREZ Datasheet HTML 11Page - Analog Devices AD5752BREZ Datasheet HTML 12Page - Analog Devices AD5752BREZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD5722/
AD5732/
AD5752
CLR
LDAC
AVSS
NC
VOUTA
NC
SYNC
NC
BIN/2sCOMP
GND
SDO
REFIN
SIG_GND
SCLK
SDIN
NC
AVDD
VOUTB
NC
SIG_GND
DAC_GND
DAC_GND
DVCC
NC
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT
2. IT IS RECOMMENDED THAT THE
EXPOSED PAD BE THERMALLY
CONNECTED TO A COPPER PLANE
FOR ENHANCED THERMAL
PERFORMANCE.
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AVSS
Negative Analog Supply. Voltage ranges from −4.5 V to −16.5 V. This pin can be connected to 0 V if output
ranges are unipolar.
2, 4, 6, 12,
13, 22
NC
Do not connect to these pins.
3
VOUTA
Analog Output Voltage of DAC A. The output amplifier is capable of directly driving a 2 kΩ, 4000 pF load.
5
BIN/2sCOMP
Determines the DAC coding for a bipolar output range. This pin should be hardwired to either DVCC or GND.
When hardwired to DVCC, input coding is offset binary. When hardwired to GND, input coding is twos
complement. (For unipolar output ranges, coding is always straight binary.)
7
SYNC
Active Low Input. This is the frame synchronization signal for the serial interface. While SYNC is low, data is
transferred on the falling edge of SCLK. Data is latched on the rising edge of SYNC.
8
SCLK
Serial Clock Input. Data is clocked into the shift register on the falling edge of SCLK. This operates at clock
speeds up to 30 MHz.
9
SDIN
Serial Data Input. Data must be valid on the falling edge of SCLK.
10
LDAC
Load DAC, Logic Input. This is used to update the DAC registers and, consequently, the analog outputs. When
this pin is tied permanently low, the addressed DAC register is updated on the rising edge of SYNC. If LDAC is
held high during the write cycle, the DAC input register is updated, but the output update is held off until the
falling edge of LDAC. In this mode, all analog outputs can be updated simultaneously on the falling edge of
LDAC. The LDAC pin should not be left unconnected.
11
CLR
Active Low Input. Asserting this pin sets the DAC registers to zero-scale code or midscale code (user-selectable).
14
DVCC
Digital Supply. Voltage ranges from 2.7 V to 5.5 V.
15
GND
Ground Reference.
16
SDO
Serial Data Output. Used to clock data from the serial register in daisy-chain or readback mode. Data is clocked
out on the rising edge of SCLK and is valid on the falling edge of SCLK.
17
REFIN
External Reference Voltage Input. Reference input range is 2 V to 3 V. REFIN = 2.5 V for specified performance.
18, 19
DAC_GND
Ground Reference for the Two Digital-to-Analog Converters (DACs).
20, 21
SIG_GND
Ground Reference for the Two Output Amplifiers.
23
VOUTB
Analog Output Voltage of DAC B. The output amplifier is capable of directly driving a 2 kΩ, 4000 pF load.
24
AVDD
Positive Analog Supply. Voltage ranges from 4.5 V to 16.5 V.
25 (EPAD)
Exposed
Paddle
(EPAD)
Negative Analog Supply Connection. Voltage ranges from −4.5 V to −16.5 V. This paddle can be connected to
0 V if output ranges are unipolar. The paddle can be left electrically unconnected provided that a supply
connection is made at the AVSS pin. It is recommended that the paddle be thermally connected to a copper
plane for enhanced thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com