Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752BREZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5752BREZ
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752BREZ Datasheet(HTML) 1 Page - Analog Devices

  AD5752BREZ Datasheet HTML 1Page - Analog Devices AD5752BREZ Datasheet HTML 2Page - Analog Devices AD5752BREZ Datasheet HTML 3Page - Analog Devices AD5752BREZ Datasheet HTML 4Page - Analog Devices AD5752BREZ Datasheet HTML 5Page - Analog Devices AD5752BREZ Datasheet HTML 6Page - Analog Devices AD5752BREZ Datasheet HTML 7Page - Analog Devices AD5752BREZ Datasheet HTML 8Page - Analog Devices AD5752BREZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Complete, Dual, 12-/14-/16-Bit, Serial
Input, Unipolar/Bipolar, Voltage Output
DACs
AD5722/AD5732/AD5752
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Complete, dual, 12-/14-/16-bit digital-to-analog converter (DAC)
Operates from single/dual supplies
Software programmable output range
+5 V, +10 V, +10.8 V, ±5 V, ±10 V, ±10.8 V
INL error: ±16 LSB maximum, DNL error: ±1 LSB maximum
Total unadjusted error (TUE): 0.1% FSR maximum
Settling time: 10 µs typical
Integrated reference buffers
Output control during power-up/brownout
Simultaneous updating via LDAC
Asynchronous CLR
APPLICATIONS
to zero scale or midscale
DSP-/microcontroller-compatible serial interface
24-lead TSSOP
Operating temperature range: −40°C to +85°C
i
CMOS process technology1
Industrial automation
Closed-loop servo control, process control
Automotive test and measurement
Programmable logic controllers
GENERAL DESCRIPTION
The AD5722/AD5732/AD5752 are dual, 12-/14-/16-bit, serial
input, voltage output, digital-to-analog converters. They operate
from single-supply voltages from +4.5 V up to +16.5 V or dual-
supply voltages from ±4.5 V up to ±16.5 V. Nominal full-scale
output range is software-selectable from +5 V, +10 V, +10.8 V,
±5 V, ±10 V, or ±10.8 V. Integrated output amplifiers, reference
buffers, and proprietary power-up/power-down control circuitry
are also provided.
The parts offer guaranteed monotonicity, integral nonlinearity
(INL) of ±16 LSB maximum, low noise, and 10 µs typical
settling time.
The AD5722/AD5732/AD5752 use a serial interface that
operates at clock rates up to 30 MHz and are compatible with
DSP and microcontroller interface standards. Double buffering
allows the simultaneous updating of all DACs. The input coding
is user-selectable twos complement or offset binary for a bipolar
output (depending on the state of Pin BIN/2sComp
The AD5722/AD5732/AD5752 are pin compatible with the
), and
straight binary for a unipolar output. The asynchronous clear
function clears all DAC registers to a user-selectable zero-scale
or midscale output. The parts are available in a 24-lead TSSOP
and offer guaranteed specifications over the −40°C to +85°C
industrial temperature range.
AD5724/AD5734/AD5754, which are complete, quad, 12-/14-/
16-bit, serial input, unipolar/bipolar voltage output DACs.
FUNCTIONAL BLOCK DIAGRAM
DAC B
INPUT
REGISTER A
INPUT
REGISTER B
DAC A
LDAC
REFIN
VOUTB
VOUTA
REFERENCE
BUFFERS
SDIN
SCLK
SYNC
SDO
DVCC
GND
DAC_GND (2)
SIG_GND (2)
AD5722/AD5732/AD5752
INPUT SHIFT
REGISTER
AND
CONTROL
LOGIC
AVDD
AVSS
DAC
REGISTER A
DAC
REGISTER B
CLR
BIN/2sCOMP
12/14/16
12/14/16
12/14/16
Figure 1.
1 For analog systems designers within industrial/instrumentation equipment OEMs who need high performance ICs at higher voltage levels, iCMOS® is a technology
platform that enables the development of analog ICs capable of 30 V and operating at ±15 V supplies while allowing dramatic reductions in power consumption and
package size, as well as increased ac and dc performance.


Similar Part No. - AD5752BREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5752 AD-AD5752 Datasheet
1Mb / 31P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5752AREZ AD-AD5752AREZ Datasheet
1Mb / 31P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5752AREZ-REEL7 AD-AD5752AREZ-REEL7 Datasheet
1Mb / 31P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5752R AD-AD5752R Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
AD5752R AD-AD5752R Datasheet
295Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
More results

Similar Description - AD5752BREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5722R AD-AD5722R Datasheet
295Kb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5722 AD-AD5722_15 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5732 AD-AD5732_15 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5722R AD-AD5722R_17 Datasheet
1Mb / 32P
Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
2/2017-Rev. E to Rev. F
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
2/2017-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com