Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752BREZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD5752BREZ
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752BREZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5752BREZ Datasheet HTML 20Page - Analog Devices AD5752BREZ Datasheet HTML 21Page - Analog Devices AD5752BREZ Datasheet HTML 22Page - Analog Devices AD5752BREZ Datasheet HTML 23Page - Analog Devices AD5752BREZ Datasheet HTML 24Page - Analog Devices AD5752BREZ Datasheet HTML 25Page - Analog Devices AD5752BREZ Datasheet HTML 26Page - Analog Devices AD5752BREZ Datasheet HTML 27Page - Analog Devices AD5752BREZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD5722/AD5732/AD5752
Rev. 0 | Page 24 of 32
INPUT SHIFT REGISTER
The input shift register is 24 bits wide and consists of a read/write bit (R/W
Table 16. Input Register Format
), a reserved bit (zero) that must always be set to 0, three
register select bits (REG0, REG1, REG2), three DAC address bits (A2, A1, A0), and 16 data bits (data). The register data is clocked in MSB
first on the SDIN pin. Table 16 shows the register format, and Table 17 describes the function of each bit in the register. All registers are
read/write registers.
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
R/W
Zero
REG2
REG1
REG0
A2
A1
A0
Data
Table 17. Input Register Bit Functions
Bit Mnemonic
Description
R/W
Indicates a read from or a write to the addressed register.
REG2, REG1, REG0
Used in association with the address bits to determine if a write operation is to the DAC register, the output range
select register, the power control register, or the control register.
REG2
REG1
REG0
Function
0
0
0
DAC register
0
0
1
Output range select register
0
1
0
Power control register
0
1
1
Control register
A2, A1, A0
These DAC address bits are used to decode the DAC channels.
A2
A1
A0
Channel Address
0
0
0
DAC A
0
1
0
DAC B
1
0
0
Both DACs
Data
Data bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com