Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9239 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9239 Datasheet HTML 13Page - Analog Devices AD9239 Datasheet HTML 14Page - Analog Devices AD9239 Datasheet HTML 15Page - Analog Devices AD9239 Datasheet HTML 16Page - Analog Devices AD9239 Datasheet HTML 17Page - Analog Devices AD9239 Datasheet HTML 18Page - Analog Devices AD9239 Datasheet HTML 19Page - Analog Devices AD9239 Datasheet HTML 20Page - Analog Devices AD9239 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD9239
Rev. 0 | Page 17 of
40
EQUIVALENT CIRCUITS
1.2V
10kΩ
10kΩ
CLK+
CLK–
AVDD
Figure 35. CLK± Inputs
VIN + x
AVDD
BUF
VIN – x
AVDD
BUF
2kΩ
2kΩ
BUF
AVDD
~1.4V
Figure 36. Analog Inputs
SCLK,
PDWN,
PGMx,
RESET
175Ω
30kΩ
Figure 37. Equivalent SCLK, PDWN, PGMx, RESET Input Circuit
CSB
1kΩ
26kΩ
AVDD
Figure 38. Equivalent CSB Input Circuit
SDI/SDIO
250Ω
AVDD
AVDD
30kΩ
Figure 39. Equivalent SDI/SDIO Input Circuit
AVDD
TEMPOUT
Figure 40. Equivalent TEMPOUT Output Circuit
175Ω
100Ω
RBIAS
Figure 41. Equivalent RBIAS Input/Output Circuit
175Ω
VCMx
Figure 42. Equivalent VCMx Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com