Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9239 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9239 Datasheet HTML 25Page - Analog Devices AD9239 Datasheet HTML 26Page - Analog Devices AD9239 Datasheet HTML 27Page - Analog Devices AD9239 Datasheet HTML 28Page - Analog Devices AD9239 Datasheet HTML 29Page - Analog Devices AD9239 Datasheet HTML 30Page - Analog Devices AD9239 Datasheet HTML 31Page - Analog Devices AD9239 Datasheet HTML 32Page - Analog Devices AD9239 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AD9239
Rev. 0 | Page 29 of
40
h6
h7
h5
h4
D1
<11>
D1
<10>
D1
<9>
D1
<8>
D1
<3>
D1
<2>
D1
<1>
D1
<0>
D2
<7>
D2
<6>
D2
<5>
D2
<4>
D2
<0>
D3
<11>
D3
<10>
D3
<9>
D3
<4>
D3
<3>
D3
<2>
D3
<1>
D4
<9>
D4
<8>
D4
<7>
D4
<6>
D4
<2>
D4
<1>
D4
<0>
p3
p3 = h7^h6^h5^h4^d1<11>^d1<10>^d1<9>^d1<8>^d1<3>^d1<2>^d1<1>^d1<0>^d2<7>^d2<6>^d2<5>^d2<4>^d2<0>^
d3<11>^d3<10>^d3<9>^d3<4>^d3<3>^d3<2>^d3<1>^d4<9>^d4<8>^d4<7>^d4<6>^d4<2>^d4<1>^d4<0>
Figure 72. p3 Bit for 64-Bit Packet: 12-Bit Case
h6
h7
h5
h4
h3
h2
h1
h0
D1
<3>
D1
<2>
D1
<1>
D1
<0>
D2
<11>
D2
<10>
D2
<9>
D2
<8>
D2
<0>
D3
<11>
D3
<10>
D3
<9>
D3
<8>
D3
<7>
D3
<6>
D3
<5>
D4
<9>
D4
<8>
D4
<7>
D4
<6>
D4
<5>
D4
<4>
D4
<3>
p4
p4 = h7^h6^h5^h4^h3^h2^h1^h0^d1<3>^d1<2>^d1<1>^d1<0>^d2<11>^d2<10>^d2<9>^d2<8>^d2<0>^d3<11>^
d3<10>^d3<9>^d3<8>^d3<7>^d3<6>^d3<5>^d4<9>^d4<8>^d4<7>^d4<6>^d4<5>^d4<4>^d4<3>
Figure 73. p4 Bit for 64-Bit Packet: 12-Bit Case
p5
h6
h7
h5
h4
h3
h2
h1
h0
D1
<11>
D1
<10>
D1
<9>
D1
<8>
D1
<7>
D1
<6>
D1
<5>
D1
<4>
D2
<0>
D3
<11>
D3
<10>
D3
<9>
D3
<8>
D3
<7>
D3
<6>
D3
<5>
D3
<4>
D3
<3>
D3
<2>
D3
<1>
D3
<0>
D4
<11>
D4
<10>
p5 = h7^h6^h5^h4^h3^h2^h1^h0^d1<11>^d1<10>^d1<9>^d1<8>^d1<7>^d1<6>^d1<5>^d1<4>^d2<0>^d3<11>^
d3<10>^d3<9>^d3<8>^d3<7>^d3<6>^d3<5>^d3<4>^d3<3>^d3<2>^d3<1>^d3<0>^d4<11>^d4<10>
Figure 74. p5 Bit for 64-Bit Packet: 12-Bit Case
p6
h6
h7
h5
h4
h3
h2
h1
h0
D1
<11>
D1
<10>
D1
<9>
D1
<8>
D1
<7>
D1
<6>
D1
<5>
D1
<4>
D1
<3>
D1
<2>
D1
<1>
D1
<0>
D2
<11>
D2
<10>
D2
<9>
D2
<8>
D2
<7>
D2
<6>
D2
<5>
D2
<4>
D2
<3>
D2
<2>
D2
<1>
p6 = h7^h6^h5^h4^h3^h2^h1^h0^d1<11>^d1<10>^d1<9>^d1<8>^d1<7>^d1<6>^d1<5>^d1<4>^d1<3>^d1<2>^d1<1>^
d1<0>^d2<11>^d2<10>^d2<9>^d2<8>^d2<7>^d2<6>^d2<5>^d2<4>^d2<3>^d2<2>^d2<1>
Figure 75. p6 Bit for 64-Bit Packet: 12-Bit Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com