Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9239 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9239 Datasheet HTML 28Page - Analog Devices AD9239 Datasheet HTML 29Page - Analog Devices AD9239 Datasheet HTML 30Page - Analog Devices AD9239 Datasheet HTML 31Page - Analog Devices AD9239 Datasheet HTML 32Page - Analog Devices AD9239 Datasheet HTML 33Page - Analog Devices AD9239 Datasheet HTML 34Page - Analog Devices AD9239 Datasheet HTML 35Page - Analog Devices AD9239 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD9239
Rev. 0 | Page 32 of
40
NUMBER OF SDI/SDIO PINS CONNECTED TOGETHER
1.715
1.720
1.725
1.730
1.735
1.740
1.745
1.750
1.755
1.760
1.765
1.770
1.775
1.780
1.785
1.790
1.795
1.800
030
20
10
40
50
60
70
80
90
100
Figure 77. SDI/SDIO Pin Loading
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
tS
tDH
tHI
tCLK
tLO
tDS
tH
R/W
W1
W0
A12
A11
A10
A9A8
A7
D5D4D3D2D1D0
CSB
Figure 78. Serial Timing Details
Table 13. Serial Timing Definitions
Parameter
Timing (Minimum, ns)
Description
tDS
5
Setup time between the data and the rising edge of SCLK
tDH
2
Hold time between the data and the rising edge of SCLK
tCLK
40
Period of the clock
tS
5
Setup time between CSB and SCLK
tH
2
Hold time between CSB and SCLK
tHI
16
Minimum period that SCLK should be in a logic high state
tLO
16
Minimum period that SCLK should be in a logic low state
tEN_SDI/SDIO
10
Minimum time for the SDI/SDIO pin to switch from an input to an output relative to the
SCLK falling edge (not shown in Figure 78)
tDIS_SDI/SDIO
10
Minimum time for the SDI/SDIO pin to switch from an output to an input relative to the
SCLK rising edge (not shown in Figure 78)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com