Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9239 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9239
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9239 Datasheet HTML 16Page - Analog Devices AD9239 Datasheet HTML 17Page - Analog Devices AD9239 Datasheet HTML 18Page - Analog Devices AD9239 Datasheet HTML 19Page - Analog Devices AD9239 Datasheet HTML 20Page - Analog Devices AD9239 Datasheet HTML 21Page - Analog Devices AD9239 Datasheet HTML 22Page - Analog Devices AD9239 Datasheet HTML 23Page - Analog Devices AD9239 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD9239
Rev. 0 | Page 20 of
40
For applications where SNR is a key parameter, differential
transformer coupling is the recommended input configuration
(see Figure 47 to Figure 49), to achieve the true performance of
the AD9239.
Regardless of the configuration, the value of the shunt capacitor, C,
is dependent on the input frequency and may need to be reduced
or removed.
*CDIFF IS OPTIONAL
1.25V p-p
33Ω
33Ω
*CDIFF
C
50Ω
0.1μF
AGND
ADT1-1WT
1:1 Z RATIO
VIN – x
ADC
AD9239
VIN + x
C
0.1µF
Figure 47. Differential Transformer-Coupled Configuration
for Baseband Applications
ADC
AD9239
1.25V p-p
2.2pF
0.1μF
ADT1-1WT
1:1 Z RATIO
L
L
0.1μF
L
33Ω
33Ω
250Ω
65Ω
VIN + x
VIN – x
Figure 48. Differential Transformer-Coupled Configuration
for Wideband IF Applications
ADC
AD9239
1.25V p-p
L
0.1μF
ADT1-1WT
1:1 Z RATIO
0.1μF
33Ω
33Ω
250Ω
VIN + x
VIN – x
Figure 49. Differential Transformer-Coupled Configuration
for Narrow-Band IF Applications
1.25V p-p
33Ω
33Ω
0.1µF
0.1µF
66Ω
VIN – x
ADC
AD9239
VIN + x
4.7pF
0.1µF
BALUN
1:1 Z
BALUN
1:1 Z
Figure 50. Differential Balun-Coupled Configuration
for Wideband IF Applications
Single-Ended Input Configuration
A single-ended input may provide adequate performance in
cost-sensitive applications. In this configuration, SFDR and
distortion performance can degrade due to input common-mode
swing mismatch. If the application requires a single-ended input
configuration, ensure that the source impedances on each input
are well matched in order to achieve the best possible performance.
A full-scale input of 1.25 V p-p can be applied to the ADC’s
VIN + x pin while the VIN − x pin is terminated. Figure 51
details a typical single-ended input configuration.
1.25V p-p
33Ω
33Ω
49.9Ω
0.1µF
0.1µF
25Ω
VIN – x
ADC
AD9239
VIN + x
*CDIFF
C
*CDIFF IS OPTIONAL
C
Figure 51. Single-Ended Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com