Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1789 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 2Page - Texas Instruments PCM1789 Datasheet HTML 3Page - Texas Instruments PCM1789 Datasheet HTML 4Page - Texas Instruments PCM1789 Datasheet HTML 5Page - Texas Instruments PCM1789 Datasheet HTML 6Page - Texas Instruments PCM1789 Datasheet HTML 7Page - Texas Instruments PCM1789 Datasheet HTML 8Page - Texas Instruments PCM1789 Datasheet HTML 9Page - Texas Instruments PCM1789 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ADR5/ADR1/RSV
MS/ADR0/RSV
MC/SCL/FMT
MD/SDA/DEMP
MODE
ZERO1
ZERO2/AMUTEO
AMUTEI
VCC2
AGND2
VOUTR
VOUTR+
-
LRCK
BCK
DIN
RST
SCKI
VDD
DGND
VCC1
VCOM
AGND1
VOUTL
VOUTL+
-
PCM1789
PCM1789
SBAS451 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
PW PACKAGE
TSSOP-24
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
PULL-
5-V
NAME
PIN
I/O
DOWN
TOLERANT
DESCRIPTION
LRCK
1
I
Yes
No
Audio data word clock input
BCK
2
I
Yes
No
Audio data bit clock input
DIN
3
I
No
No
Audio data input
RST
4
I
Yes
Yes
Reset and power-down control input with active low
SCKI
5
I
No
Yes
System clock input
VDD
6
—
—
—
Digital power supply, +3.3 V
DGND
7
—
—
—
Digital ground
VCC1
8
—
—
—
Analog power supply 1, +5 V
VCOM
9
—
—
—
Voltage common decoupling
AGND1
10
—
—
—
Analog ground 1
VOUTL–
11
O
No
No
Negative analog output from DAC left channel
VOUTL+
12
O
No
No
Positive analog output from DAC left channel
VOUTR+
13
O
No
No
Positive analog output from DAC right channel
VOUTR–
14
O
No
No
Negative analog output from DAC right channel
AGND2
15
—
—
—
Analog ground 2
VCC2
16
—
—
—
Analog power supply 2, +5 V
AMUTEI
17
I
No
Yes
Analog mute control input with active low
ZERO2/AMUTEO
18
O
No
No
Zero detect flag output 2/Analog mute control output(1) with active low
ZERO1
19
O
No
No
Zero detect flag output 1
Control port mode selection. Tied to VDD: SPI, ADR6 = 1, pull-up: SPI,
MODE
20
I
No
No
ADR6 = 0, pull-down: H/W auto mode, tied to DGND: I2C
Input data for SPI, data for I2C(1), de-emphasis control for hardware
MD/SDA/DEMP
21
I/O
No
Yes
control mode
MC/SCL/FMT
22
I
No
Yes
Clock for SPI, clock for I2C, format select for hardware control mode
Chip Select for SPI, address select 0 for I2C, reserve (set low) for
MS/ADR0/RSV
23
I
Yes
Yes
hardware control mode
Address select 5 for SPI, address select 1 for I2C, reserve (set low) for
ADR5/ADR1/RSV
24
I
No
Yes
hardware control mode
(1)
Open-drain configuration in out mode.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com