Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1789 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 12Page - Texas Instruments PCM1789 Datasheet HTML 13Page - Texas Instruments PCM1789 Datasheet HTML 14Page - Texas Instruments PCM1789 Datasheet HTML 15Page - Texas Instruments PCM1789 Datasheet HTML 16Page - Texas Instruments PCM1789 Datasheet HTML 17Page - Texas Instruments PCM1789 Datasheet HTML 18Page - Texas Instruments PCM1789 Datasheet HTML 19Page - Texas Instruments PCM1789 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
AUDIO SERIAL PORT OPERATION
AUDIO DATA INTERFACE FORMATS AND TIMING
LRCK
LeftChannel
0
1
2
L
M
N
0
1
2
L
M
N
MSB
MSB
LSB
LSB
RightChannel
BCK
DIN
LRCK
N M
2
1
0
L
LSB
MSB
N
N
M
2
1
0
L
LSB
MSB
RightChannel
LeftChannel
BCK
DIN
PCM1789
SBAS451 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
The PCM1789 audio serial port consists of three signals: BCK, LRCK, and DIN. BCK is a bit clock input. LRCK is
a left/right word clock or frame synchronization clock input. DIN is the audio data input for VOUTL/R.
The PCM1789 supports six audio data interface formats: 16-/20-/24-/32-bit I2S, 16-/20-/24-/32-bit left-justified,
24-bit right-justified, 16-bit right-justified, 24-bit left-justified mode DSP, and 24-bit I2S mode DSP. In the case of
I2S, left-justified, and right-justified data formats, 64 BCKs, 48 BCKs, and 32 BCKs per LRCK period are
supported; however, 48 BCKs are limited to 192/384/768 fS SCKI, and 32 BCKs are limited to 16-bit right-justified
only. The audio data formats are selected by MC/SCL/FMT in hardware control mode and by the FMTDA[2:0]
bits in control register 17 (11h) in software control mode. All data must be in binary twos complement and MSB
first.
Table 4 summarizes the applicable formats and describes the relationships among them and the respective
restrictions with mode control. Figure 22 through Figure 26 show six audio interface data formats.
Table 4. Audio Data Interface Formats and Sampling Rate, Bit Clock, and System Clock Restrictions
MAX LRCK FREQUENCY
CONTROL MODE
FORMAT
DATA BITS
(fS)
SCKI RATE (xfS)
BCK RATE (xfS)
16/20/24/32(1)
192 kHz
128 to 1152(2)
64, 48
I2S/Left-Justified
Software control
Right-Justified
24, 16
192 kHz
128 to 1152(2)
64, 48, 32 (16 bit)(3)
24
192 kHz
128 to 768
64
I2S/Left-Justified DSP
Hardware control
16/20/24/32(1)
192 kHz
128 to 1152(2)
64, 48
I2S/Left-Justified
(1)
32-bit data length is acceptable only for BCK = 64 fS and when using I
2S or Left-Justified format.
(2)
1152 fS is acceptable only for fS = 32 kHz, BCK = 64 fS, and when using I
2S, Left-Justified, or 24-bit Right-Justified format.
(3)
BCK = 32 fS is supported only for 16-bit data length.
Figure 22. Audio Data Format: 16-/20-/24-/32-Bit I2S
(N = 15/19/23/31, M = 14/18/22/30, and L = 13/17/21/29)
Figure 23. Audio Data Format: 16-/20-/24-/32-Bit Left-Justified
(N = 15/19/23/31, M = 14/18/22/30, and L = 13/17/21/29)
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com