Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1789 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 26Page - Texas Instruments PCM1789 Datasheet HTML 27Page - Texas Instruments PCM1789 Datasheet HTML 28Page - Texas Instruments PCM1789 Datasheet HTML 29Page - Texas Instruments PCM1789 Datasheet HTML 30Page - Texas Instruments PCM1789 Datasheet HTML 31Page - Texas Instruments PCM1789 Datasheet HTML 32Page - Texas Instruments PCM1789 Datasheet HTML 33Page - Texas Instruments PCM1789 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
PCM1789
SBAS451 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
22
16
DAMS
RSV
DEMP1
DEMP0
MZSEL
RSV
AZRO
ZREV
DAMS
Digital attenuation mode
This bit selects the attenuation mode.
Default value: 0.
DAMS
Digital attenuation mode
0
Fine step: 0.5-dB step for 0 dB to –63 dB range (default)
1
Wide range: 1-dB step for 0 dB to –100 dB range
RSV
Reserved
Reserved; do not use.
DEMP[1:0]
Digital de-emphasis function/sampling rate control
These bits are used to disable and enable the various sampling frequencies of the digital
de-emphasis function.
Default value: 00.
DEMP
Digital de-emphasis function/sampling rate control
00
Disable (default)
01
48 kHz enable
10
44.1 kHz enable
11
32 kHz enable
MZSEL
AMUTEO/ZERO flag selection
This bit is used to select the function of the ZERO2 pin.
Default value: 0.
MZSEL
AMUTEO/ZERO flag selection
0
The ZERO2 pin functions as ZERO2 (default).
1
The ZERO2 pin functions as AMUTEO.
AZRO
Zero flag channel combination selection
This bit is used to select the zero flag channel combination for ZERO1 and ZERO2.
Default value: 0.
AZRO
Zero flag combination selection
0
Combination A: ZERO1 = left channel, ZERO2 = right channel (default)
1
Combination B: ZERO1 = left channel or right channel, ZERO2 = left channel and
right channel
ZREV
Zero flag polarity selection
This bit controls the polarity of the zero flag pin.
Default value: 0.
ZREV
Zero flag polarity selection
0
High for zero detect (default)
1
Low for zero detect
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com