Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1789 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1789 Datasheet HTML 1Page - Texas Instruments PCM1789 Datasheet HTML 2Page - Texas Instruments PCM1789 Datasheet HTML 3Page - Texas Instruments PCM1789 Datasheet HTML 4Page - Texas Instruments PCM1789 Datasheet HTML 5Page - Texas Instruments PCM1789 Datasheet HTML 6Page - Texas Instruments PCM1789 Datasheet HTML 7Page - Texas Instruments PCM1789 Datasheet HTML 8Page - Texas Instruments PCM1789 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Burr-BrownAudio
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM1789
www.ti.com.............................................................................................................................................................................................. SBAS451 – OCTOBER 2008
24-Bit, 192-kHz Sampling, Enhanced Multi-Level
ΔΣ,
Stereo, Audio Digital-to-Analog Converter
• External Reset Pin
2345
• Enhanced Multi-Level Delta-Sigma DAC:
• Power Supplies:
–
High Performance: Differential, fS = 48 kHz
–
5 V for Analog and 3.3 V for Digital
–
THD+N: –94 dB
• Package: TSSOP-24
–
SNR: 113 dB
• Operating Temperature Range:
–
Dynamic Range: 113 dB
–
–40°C to +85°C
–
Sampling Rate: 8 kHz to 192 kHz
–
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
• Blu-ray Disc™ Players
512 fS, 768 fS, 1152 fS
• DVD Players
–
Differential Voltage Output: 8 VPP
• AV Receivers
–
Analog Low-Pass Filter Included
• Home Theaters
–
4x/8x Oversampling Digital Filter:
• Car Audio External Amplifiers
–
Passband Ripple: ±0.0018 dB
• Car Audio AVN Applications
–
Stop Band Attenuation: –75 dB
–
Zero Flags (16-/20-/24-Bits)
• Flexible Audio Interface:
The PCM1789 is a high-performance, single-chip,
–
I/F Format: I2S™, Left-/Right-Justified, DSP
24-bit, stereo, audio digital-to-analog converter (DAC)
with differential outputs. The two-channel, 24-bit DAC
–
Data Length: 16, 20, 24, 32 Bits
employs an enhanced multi-level, delta-sigma (
ΔΣ)
• Flexible Mode Control:
modulator, and supports 8 kHz to 192 kHz sampling
–
3-Wire SPI™, 2-Wire I2C™-Compatible
rates and a 16-/20-/24-/32-bit width digital audio input
Serial Control Interface, or
word on the audio interface. The audio interface of
PCM1789 supports a 24-bit, DSP format in addition
Hardware Control
to I2S, left-justified, and right-justified formats.
–
Connect Up To 4 Devices on One SPI Bus
The PCM1789 can be controlled through a three-wire,
• Multi Functions via SPI or I2C I/F:
SPI-compatible or two-wire, I2C-compatible serial
–
Audio I/F Format Select: I2S, Left-Justified,
interface in software, which provides access to all
Right-Justified, DSP
functions including digital attenuation, soft mute,
–
Digital Attenuation and Soft Mute
de-emphasis, and so forth. Also, hardware control
mode provides two user-programmable functions
–
Digital De-Emphasis: 32 kHz, 44.1 kHz,
through two control pins. The PCM1789 is available
48 kHz
in a 24-pin TSSOP package.
–
Data Polarity Control
–
Power-Save Mode
• Multi Functions via Hardware Control:
–
Audio I/F Format Select: I2S, Left-Justified
–
Digital De-Emphasis Filter: 44.1 kHz
• Analog Mute by Clock Halt Detection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Blu-ray Disc is a trademark of Blu-ray Disc Association.
3
SPI is a trademark of Motorola, Inc.
4
I2S, I2C are trademarks of NXP Semiconductors.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1789

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
Audio Digital-to-Analog Converter
PCM1789 TI2-PCM1789 Datasheet
914Kb / 42P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter
MARCH 2011
PCM1789-Q1 TI1-PCM1789-Q1 Datasheet
1Mb / 41P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
PCM1789-Q1 TI2-PCM1789-Q1 Datasheet
914Kb / 42P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter
MARCH 2011
PCM1789IPWRQ1 TI1-PCM1789IPWRQ1 Datasheet
1Mb / 41P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
More results

Similar Description - PCM1789

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1690 TI-PCM1690 Datasheet
1Mb / 46P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1691 TI-PCM1691 Datasheet
1Mb / 47P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PCM1789-Q1 TI1-PCM1789-Q1 Datasheet
1Mb / 41P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇, Stereo, Audio Digital-to-Analog Converter
PCM1690-Q1 TI1-PCM1690-Q1 Datasheet
1Mb / 46P
24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1690 TI-PCM1690_15 Datasheet
1Mb / 48P
PCM1690 24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com