Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1789 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 29Page - Texas Instruments PCM1789 Datasheet HTML 30Page - Texas Instruments PCM1789 Datasheet HTML 31Page - Texas Instruments PCM1789 Datasheet HTML 32Page - Texas Instruments PCM1789 Datasheet HTML 33Page - Texas Instruments PCM1789 Datasheet HTML 34Page - Texas Instruments PCM1789 Datasheet HTML 35Page - Texas Instruments PCM1789 Datasheet HTML 36Page - Texas Instruments PCM1789 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
LOW-PASS FILTER AND DIFFERENTIAL-TO-SINGLE-ENDED CONVERTER FOR DAC OUTPUTS
10 F
m
47W
R
1
R
3
R
2
C
2
AnalogOutput
(2V
)
RMS
VOUTx+
(4V )
PP
10 F
m
R
1
R
3
VOUTx-
(4V )
PP
C
2
R
2
C
1
47W
R
1
R
3
R
2
C
2
AnalogOutput
(2V
)
RMS
VOUTx+
(4V )
PP
R
1
R
3
VOUTx-
(4V )
PP
C
2
R
2
C
1
PCM1789
www.ti.com.............................................................................................................................................................................................. SBAS451 – OCTOBER 2008
ΔΣ DACs use noise-shaping techniques to improve in-band signal-to-noise ratio (SNR) performance at the
expense of generating increased out-of-band noise above the Nyquist frequency, or fS/2. The out-of-band noise
must be low-pass filtered in order to provide optimal converter performance. This filtering is accomplished by a
combination of on-chip and external low-pass filters.
Figure 38 and Figure 39 show the recommended external differential-to-single-ended converter with low-pass
active filter circuits for ac-coupled and dc-coupled applications. These circuits are second-order Butterworth
filters using a multiple feedback (MFB) circuit arrangement that reduces sensitivity to passive component
variations over frequency and temperature. For more information regarding MFB active filter designs, please
refer to Applications Bulletin SBAA055, Dynamic Performance Testing of Digital Audio D/A Converters, available
from the TI web site (www.ti.com) or your local Texas Instruments' sales office.
Because the overall system performance is defined by the quality of the DACs and the associated analog output
circuitry, high-quality audio op amps are recommended for the active filters. Texas Instruments’ OPA2134,
OPA2353, and NE5532A dual op amps are shown in Figure 38 and Figure 39, and are recommended for use
with the PCM1789.
NOTE: Amplifier is an NE5532A x 1/2 or OPA2134 x1/2; R1 = 7.5 kΩ; R2 = 5.6 kΩ; R3 = 360 Ω; C1 = 3300 pF; C2 = 680 pF; Gain = 0.747;
f–3 dB = 53 kHz.
Figure 38. AC-Coupled, Post-LPF and Differential to Single-Ended Buffer
NOTE: Amplifier is an NE5532A x 1/2 or OPA2134 x1/2; R1 = 15 kΩ; R2 = 11 kΩ; R3 = 820 Ω; C1 = 1500 pF; C2 = 330 pF; Gain = 0.733;
f–3 dB = 54 kHz.
Figure 39. DC-Coupled, Post-LPF and Differential to Single-Ended Buffer
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com