Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8553J Datasheet(PDF) 41 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 37Page - NXP Semiconductors TDF8553J Datasheet HTML 38Page - NXP Semiconductors TDF8553J Datasheet HTML 39Page - NXP Semiconductors TDF8553J Datasheet HTML 40Page - NXP Semiconductors TDF8553J Datasheet HTML 41Page - NXP Semiconductors TDF8553J Datasheet HTML 42Page - NXP Semiconductors TDF8553J Datasheet HTML 43Page - NXP Semiconductors TDF8553J Datasheet HTML 44Page - NXP Semiconductors TDF8553J Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
41 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
12.2 Beep input circuit
Beep input circuit to amplify the beep signal from the microcontroller to all 4 amplifiers
(gain = 0 dB). Note that this circuit will not affect amplifier performance.
12.3 Noise
The outputs of regulators 1 to 6 are designed to give very low noise with good stability.
The noise output voltage depends on output capacitor Co. Table 17 shows the affect of the
output capacitor on the noise figure.
Fig 30. Printed-circuit board layout of test and application circuit showing bottom copper layout and bottom
components viewed from bottom
001aai765
Fig 31. Application diagram for beep input
001aai677
From
microcontroller
1.7 k
Ω
0.22
µF
100
Ω
2.2
µF
47 pF
TDF8553J
ACGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com