Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8553J Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 9Page - NXP Semiconductors TDF8553J Datasheet HTML 10Page - NXP Semiconductors TDF8553J Datasheet HTML 11Page - NXP Semiconductors TDF8553J Datasheet HTML 12Page - NXP Semiconductors TDF8553J Datasheet HTML 13Page - NXP Semiconductors TDF8553J Datasheet HTML 14Page - NXP Semiconductors TDF8553J Datasheet HTML 15Page - NXP Semiconductors TDF8553J Datasheet HTML 16Page - NXP Semiconductors TDF8553J Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
13 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
8.6.3 Backup function
The backup function is implemented by a switch function, which behaves like an ideal
diode between pins VP and BUCAP; the forward voltage of this ideal diode depends on
the current flowing through it. The backup function supplies regulator 2 during brief
periods when no supply voltage is present on pin VP. It requires an external capacitor to
be connected to pin BUCAP and ground. When the supply voltage is present on pin VP
this capacitor will be charged to a level of VP − 0.3 V. When the supply voltage is absent
from pin VP, this charge can then be used to supply regulator 2 for a brief period (tbackup)
calculated using the formula:
Example: VP = 14.4 V, VREG2 (voltage on pin REG2) = 3.3 V, RL =1kΩ and
Cbackup = 100 µF provides a tbackup of 321 ms.
When an overvoltage condition occurs, the voltage on pin BUCAP is limited to
approximately 24 V; see Figure 5.
8.6.4 Power switches
There are two power switches that provide an unregulated DC voltage output for
amplifiers and an aerial motor respectively. The switches have internal protection for
over-temperature conditions and are activated by setting bits D2 and D3 of instruction
byte IB1 to logic 1.
In the ON state, the switches have a low impedance to the battery voltage. When the
battery voltage is higher than 22 V, the switches are switched off. When the battery
voltage is below 22 V the switches are set to their original condition.
The power switches have built-in surge protection to be able to absorb energy from
switching inductive or capacitive external loads. This surge protection is implemented in
such a way that in case no supply (VP) is present the supply line will not be charged from
a possible external source connected to a power switch output.
Fig 5.
Backup capacitor function
t
backup
C
backup
R
L
V
P
V
REG2
0.5
()
V
REG2
-----------------------------------------------


×
×
=
V
(V)
t (s)
tbackup
out of regulation
VREG2
VBUCAP
VP
001aai693
t
backup
C
backup
V
P
V
REG2
0.5
()
I
load
------------------------------------------------


×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com