Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8553J Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 10Page - NXP Semiconductors TDF8553J Datasheet HTML 11Page - NXP Semiconductors TDF8553J Datasheet HTML 12Page - NXP Semiconductors TDF8553J Datasheet HTML 13Page - NXP Semiconductors TDF8553J Datasheet HTML 14Page - NXP Semiconductors TDF8553J Datasheet HTML 15Page - NXP Semiconductors TDF8553J Datasheet HTML 16Page - NXP Semiconductors TDF8553J Datasheet HTML 17Page - NXP Semiconductors TDF8553J Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
14 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
8.6.5 External DC-to-DC converter
The VDCDC supply pin can be connected to an external DC-to-DC down converter
(VO ≥ 5 V) to reduce the dissipation in regulator 3. If no external DC-to-DC converter is
used, the VDCDC pin must be connected to VP.
8.6.6 Protection
All regulator and switch outputs are fully protected by foldback current limiting against load
dumps and short-circuits; see Figure 6. During a load dump all regulator outputs, except
the output of regulators 2 and 6, will go low.
The power switches can withstand ‘loss-of-ground’. This means that if pin GND becomes
disconnected, the switch is protected by automatically connecting its outputs to ground.
8.6.7 Temperature protection
If the junction temperature of a regulator becomes too high, the amplifier(s) are switched
off to prevent unwanted noise signals being audible. A regulator junction temperature that
is too high is indicated by pin DIAG going LOW and is also indicated by setting bit D6 in
data byte DB2.
If the junction temperature of the regulator continues to rise and reaches the maximum
temperature protection level, all regulators and switches will be disabled except
regulators 2 and 6.
8.7 I2C-bus specification
Fig 6.
Foldback current protection
VREGn
IOS
IOlim
IREGn
001aai698
Fig 7.
Address byte
mdb516
MSB
LSB
0 = write
1 = read
1
1
0
1
1
0
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com